Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G332 Datasheet (PDF) - Unisonic Technologies

U74LVC1G332 Datasheet PDF - Unisonic Technologies
Part # U74LVC1G332
Download  U74LVC1G332 Download
File Size   635.59 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description SINGLE 3-INPUT POSITIVE-OR GATE

U74LVC1G332 Datasheet (PDF)

Go To PDF Page Download Datasheet
U74LVC1G332 Datasheet PDF - Unisonic Technologies

Part # U74LVC1G332
Download  U74LVC1G332 Click to download

File Size   635.59 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description SINGLE 3-INPUT POSITIVE-OR GATE

U74LVC1G332 Datasheet (HTML) - Unisonic Technologies


U74LVC1G332 Product details

 DESCRIPTION
The U74LVC1G332 device performs the Boolean function in
Y=A+B+C or Y=A B C   positive logic.
This device is fully specified for partial-power-down
applications using IOFF. The IOFF circuitry disables the outputs,
preventing damaging current backflow through the device when
it is powered down.

 FEATURES
* Wide supply voltage range from 1.65V to 5.5V
* Inputs accept voltages up to 5.5V
* IOFF supports live insertion, partial-power-down mode,
back-drive protection
* Supports Down Translation to VCC
* Low static power consumption; ICC=±10μA (Max.)
* ±24mA Output Drive at 3.3V




Similar Part No. - U74LVC1G332

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC1G3157 UTC-U74LVC1G3157 Datasheet
208Kb / 5P
SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
U74LVC1G3157 UTC-U74LVC1G3157 Datasheet
153Kb / 5P
SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
U74LVC1G3157A UTC-U74LVC1G3157A Datasheet
281Kb / 6P
SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
U74LVC1G3157G-AG6-R UTC-U74LVC1G3157G-AG6-R Datasheet
223Kb / 5P
Low ON Resistance
U74LVC1G3157G-AG6-R UTC-U74LVC1G3157G-AG6-R Datasheet
153Kb / 5P
SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
More results


Similar Description - U74LVC1G332

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G332 TI-SN74LVC1G332 Datasheet
253Kb / 11P
SINGLE 3 INPUT POSITIVE OR GATE
SN74LVC1G3208 TI-SN74LVC1G3208 Datasheet
285Kb / 13P
SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G0832 TI-SN74LVC1G0832 Datasheet
281Kb / 13P
SINGLE 3-INPUT POSITIVE AND-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_07 Datasheet
496Kb / 18P
SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G3208 TI-SN74LVC1G3208_08 Datasheet
489Kb / 15P
SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G3208 TI-SN74LVC1G3208_09 Datasheet
607Kb / 16P
SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G0832 TI1-SN74LVC1G0832_07 Datasheet
631Kb / 17P
SINGLE 3-INPUT POSITIVE AND-OR GATE
JANUARY2007
SN74LVC1G3208-Q1 TI1-SN74LVC1G3208-Q1 Datasheet
380Kb / 11P
SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G332 TI1-SN74LVC1G332_16 Datasheet
1Mb / 26P
Single 3-Input Positive-OR Gate
SN74LVC1G3208-EP TI1-SN74LVC1G3208-EP Datasheet
813Kb / 15P
SINGLE 3-INPUT POSITIVE OR-AND GATE
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com