Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTXS0104 Datasheet (PDF) - Unisonic Technologies

UTXS0104 Datasheet PDF - Unisonic Technologies
Part # UTXS0104
Download  UTXS0104 Download
File Size   344.54 Kbytes
Page   13 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATION

UTXS0104 Datasheet (PDF)

Go To PDF Page Download Datasheet
UTXS0104 Datasheet PDF - Unisonic Technologies

Part # UTXS0104
Download  UTXS0104 Click to download

File Size   344.54 Kbytes
Page   13 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATION

UTXS0104 Datasheet (HTML) - Unisonic Technologies


UTXS0104 Product details

 DESCRIPTION
This 4-bit non-inverting translator is a bidirectional voltage-level
translator and can be used to establish digital switching
compatibility between mixed-voltage systems. It uses two separate
configurable power-supply rails. The A port is designed to track
VCCA. VCCA accepts any supply voltage from 1.65V to 3.6V.The B
port is designed to track VCCB. VCCA must be less than or equal to
VCCB. VCCB accepts any supply voltage from 2.3V to 5.5V. This
allows for low voltage bidirectional translation between any of the
1.8V, 2.5V, 3.3V and 5V voltage nodes.
When the output-enable (OE) input is low, all outputs are placed
in the high-impedance state.
The UTXS0104 is designed so that the OE input circuit is
supplied by VCCA.
To ensure the high-impedance state during power up or power
down, OE should be tied to GND through a pull-down resistor; the
minimum value of the resistor is determined by the current-sourcing
capability of the driver.

FEATURES
* 1.65V to 3.6V on A Port and 2.3V to 5.5V on B Port (VCCA ≤ VCCB)
* No Direction-Control Signal Needed
* No Power-Supply Sequencing Required – Either VCCA or VCCB
Can be Ramped First

 APPLICATION
* Handset
* Smartphone
* Tablet
* Desktop PC




Similar Part No. - UTXS0104

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTXS0102 UTC-UTXS0102 Datasheet
333Kb / 13P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATION
UTXS0102L-CK08-2030-R UTC-UTXS0102L-CK08-2030-R Datasheet
333Kb / 13P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATION
UTXS0102L-S08-R UTC-UTXS0102L-S08-R Datasheet
333Kb / 13P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATION
UTXS0102L-SM1-R UTC-UTXS0102L-SM1-R Datasheet
333Kb / 13P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATION
More results


Similar Description - UTXS0104

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0104E TI-TXS0104E_08 Datasheet
679Kb / 22P
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104E TI-TXS0104E_10 Datasheet
807Kb / 24P
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
logo
Union Semiconductor, In...
UM3208 UNIONSEMI-UM3208 Datasheet
383Kb / 11P
8-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3204 UNIONSEMI-UM3204 Datasheet
356Kb / 13P
4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202 UNIONSEMI-UM3202 Datasheet
354Kb / 13P
2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
logo
Global Mixed-mode Techn...
G3402 GMT-G3402 Datasheet
63Kb / 1P
4-Bit Bidirectional Voltage Level Translator for Open Drain and Push-Pull Applications
logo
Union Semiconductor, In...
UM3202 UNIONSEMI-UM3202_16 Datasheet
363Kb / 15P
2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202F UNIONSEMI-UM3202F Datasheet
289Kb / 11P
2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3204 UNIONSEMI-UM3204_14 Datasheet
366Kb / 15P
4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
logo
Texas Instruments
TXS0104E-Q1 TI1-TXS0104E-Q1 Datasheet
853Kb / 25P
4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com