Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPR50 Datasheet (PDF) - 3PEAK INC.

TPR50 Datasheet PDF - 3PEAK INC.
Part # TPR50
Download  TPR50 Download
File Size   1920.28 Kbytes
Page   20 Pages
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.
Description Low-Noise, Low-Drift, Precision Voltage Reference

TPR50 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPR50 Datasheet PDF - 3PEAK INC.

Part # TPR50
Download  TPR50 Click to download

File Size   1920.28 Kbytes
Page   20 Pages
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.
Description Low-Noise, Low-Drift, Precision Voltage Reference

TPR50 Datasheet (HTML) - 3PEAK INC.


TPR50 Product details

Features
• Wide Input Voltage Range:
– 3 V to 15 V
• Fixed Output Voltage:
– 1.25 V, 2.048 V, 2.5 V, 3 V, 3.3 V, 4.096 V, 4.5 V,
and 5 V
• Low Temperature Coefficient:
– 1 ppm/°C Typical from 0°C to 70°C
– 2 ppm/°C Typical from −40°C to 105°C
– 2.5 ppm/°C Typical from −40°C to 125°C
• High Initial Accuracy:
– 0.05% Maximum
• Low Noise:
– 3 μVpp/V
• Temperature Range: −40°C to 125°C
• Package Options:
– SOP8
– MSOP8

Applications
• Battery Test Equipment
• Industry Control
• Precision Instrumentation
• Medical Equipment

Description
The TPR50 seires is a family of high-precision and
low-temperature-drift voltage references with the initial
accuracy of 0.05% and the temperature coefficient of 2.5
ppm/°C. All products of the TPR50 series are able to
support both sinking and souring current of ±10 mA and
have a low dropout voltage.
The high precision and excellent temperature stability
performance make the TPR50 series an ideal reference
in the system with high resolution requirement.
The TPR50 series provides the 8-pin SOP and MSOP
package with a wide range of output voltages. All the
products are qualified to operate with the temperature
range from –40°C to +125°C.




Similar Part No. - TPR50

ManufacturerPart #DatasheetDescription
logo
GHz Technology
TPR500 GHZTECH-TPR500 Datasheet
272Kb / 3P
500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
TPR500A GHZTECH-TPR500A Datasheet
274Kb / 3P
500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
Microsemi Corporation
TPR500A MICROSEMI-TPR500A Datasheet
37Kb / 1P
500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
More results


Similar Description - TPR50

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF5020 BURR-BROWN-REF5020 Datasheet
468Kb / 16P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
logo
Texas Instruments
REF5010 TI-REF5010 Datasheet
614Kb / 20P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5020-EP TI-REF5020-EP Datasheet
374Kb / 16P
LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5020A-Q1 TI1-REF5020A-Q1 Datasheet
888Kb / 19P
LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5010 TI-REF5010_13 Datasheet
1Mb / 28P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5010 TI-REF5010_15 Datasheet
2Mb / 28P
Low-Noise, Very Low Drift, Precision Voltage Reference
REF5020A-Q1 TI1-REF5020A-Q1_15 Datasheet
1Mb / 25P
Low-Noise, Very Low Drift, Precision Voltage Reference
REF5020-EP TI1-REF5020-EP Datasheet
1Mb / 29P
Low-Noise, Very Low Drift, Precision Voltage Reference
REF5025-HT TI1-REF5025-HT_14 Datasheet
383Kb / 17P
LOW NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
logo
SG Micro Corp
SGM4029 SGMICRO-SGM4029 Datasheet
3Mb / 17P
Low Noise, Low Drift,Precision Voltage Reference
SEPTEMBER2022-REV.A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com