Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1100 Datasheet (PDF) - Analog Devices

ADIN1100 Datasheet PDF - Analog Devices
Part # ADIN1100
Download  ADIN1100 Download
File Size   1230.98 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Power Conditioner for APL Field Devices

ADIN1100 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADIN1100 Datasheet PDF - Analog Devices

Part # ADIN1100
Download  ADIN1100 Click to download

File Size   1230.98 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Power Conditioner for APL Field Devices

ADIN1100 Datasheet (HTML) - Analog Devices


ADIN1100 Product details

FEATURES
 650mW Power Limit for Intrinsic Safety Thermal
Rating when Line Voltage ≤ 18.5V
 35mA Current Limit if Line Voltage > 18.5V
 55mA Current Limit for APL Class A Devices
 Shunt Regulator for Mitigating Load Changes
 Guaranteed 20mA Rectifier Current for Signal
Integrity
 Guaranteed to deliver full 500mW APL power to
the load
 6V to 36V Input Voltage
 Integrated Current Sense Resistor
 Polarity Insensitive Line Voltage Detection
 8-Lead SOIC Package with Exposed Pad
APPLICATIONS
 Industrial Ethernet
 Advanced Physical Layer
 Current Limiting




Similar Part No. - ADIN1100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIN1100 AD-ADIN1100 Datasheet
696Kb / 50P
Robust, Industrial, Low Power 10BASE-T1L Ethernet PHY
ADIN1100 AD-ADIN1100 Datasheet
1Mb / 78P
Robust, Industrial, Low Power 10BASE-T1L PHY
Rev. 0
ADIN1100 AD-ADIN1100 Datasheet
1Mb / 20P
Industrial SPoE PD Controller
Rev. 0
ADIN1100 AD-ADIN1100 Datasheet
1Mb / 46P
5-Port SPoE PSE Controller
Rev. 0
ADIN1100 AD-ADIN1100 Datasheet
1Mb / 80P
Robust, Industrial, Low Power 10BASE-T1L PHY
Rev. B
More results


Similar Description - ADIN1100

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ARS11-B2-IC08-1 PF-ARS11-B2-IC08-1 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
ARS11-B2-IC08-2 PF-ARS11-B2-IC08-2 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
ARS11-B2-IC16-1 PF-ARS11-B2-IC16-1 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
ARS11-B2-IC16-2 PF-ARS11-B2-IC16-2 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
ARS11-B2-IC24-1 PF-ARS11-B2-IC24-1 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
ARS11-B2-IC24-2 PF-ARS11-B2-IC24-2 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
ARS12-B2-IC08-1 PF-ARS12-B2-IC08-1 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
ARS12-B2-IC08-2 PF-ARS12-B2-IC08-2 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
ARS12-B2-IC16-1 PF-ARS12-B2-IC16-1 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
ARS12-B2-IC24-1 PF-ARS12-B2-IC24-1 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com