Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC9111 Datasheet (PDF) - Analog Devices

LTC9111 Datasheet PDF - Analog Devices
Part # LTC9111
Download  LTC9111 Download
File Size   1230.98 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Power Conditioner for APL Field Devices

LTC9111 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC9111 Datasheet PDF - Analog Devices

Part # LTC9111
Download  LTC9111 Click to download

File Size   1230.98 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Power Conditioner for APL Field Devices

LTC9111 Datasheet (HTML) - Analog Devices


LTC9111 Product details

FEATURES
 650mW Power Limit for Intrinsic Safety Thermal
Rating when Line Voltage ≤ 18.5V
 35mA Current Limit if Line Voltage > 18.5V
 55mA Current Limit for APL Class A Devices
 Shunt Regulator for Mitigating Load Changes
 Guaranteed 20mA Rectifier Current for Signal
Integrity
 Guaranteed to deliver full 500mW APL power to
the load
 6V to 36V Input Voltage
 Integrated Current Sense Resistor
 Polarity Insensitive Line Voltage Detection
 8-Lead SOIC Package with Exposed Pad
APPLICATIONS
 Industrial Ethernet
 Advanced Physical Layer
 Current Limiting




Similar Part No. - LTC9111

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC9111 AD-LTC9111 Datasheet
1Mb / 20P
Industrial SPoE PD Controller
Rev. 0
LTC9111 AD-LTC9111 Datasheet
1Mb / 46P
5-Port SPoE PSE Controller
Rev. 0
LTC9111RDEPBF AD-LTC9111RDEPBF Datasheet
1Mb / 20P
Industrial SPoE PD Controller
Rev. 0
LTC9111RDETRPBF AD-LTC9111RDETRPBF Datasheet
1Mb / 20P
Industrial SPoE PD Controller
Rev. 0
LTC9111RMSEPBF AD-LTC9111RMSEPBF Datasheet
1Mb / 20P
Industrial SPoE PD Controller
Rev. 0
More results


Similar Description - LTC9111

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ARS11-B2-IC08-1 PF-ARS11-B2-IC08-1 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
ARS11-B2-IC08-2 PF-ARS11-B2-IC08-2 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
ARS11-B2-IC16-1 PF-ARS11-B2-IC16-1 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
ARS11-B2-IC16-2 PF-ARS11-B2-IC16-2 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
ARS11-B2-IC24-1 PF-ARS11-B2-IC24-1 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
ARS11-B2-IC24-2 PF-ARS11-B2-IC24-2 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
ARS12-B2-IC08-1 PF-ARS12-B2-IC08-1 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
ARS12-B2-IC08-2 PF-ARS12-B2-IC08-2 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
ARS12-B2-IC16-1 PF-ARS12-B2-IC16-1 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
ARS12-B2-IC24-1 PF-ARS12-B2-IC24-1 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com