Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8606 Datasheet (PDF) - Analog Devices

LT8606 Datasheet PDF - Analog Devices
Part # LT8606
Download  LT8606 Download
File Size   1230.98 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Power Conditioner for APL Field Devices

LT8606 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT8606 Datasheet PDF - Analog Devices

Part # LT8606
Download  LT8606 Click to download

File Size   1230.98 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Power Conditioner for APL Field Devices

LT8606 Datasheet (HTML) - Analog Devices


LT8606 Product details

FEATURES
 650mW Power Limit for Intrinsic Safety Thermal
Rating when Line Voltage ≤ 18.5V
 35mA Current Limit if Line Voltage > 18.5V
 55mA Current Limit for APL Class A Devices
 Shunt Regulator for Mitigating Load Changes
 Guaranteed 20mA Rectifier Current for Signal
Integrity
 Guaranteed to deliver full 500mW APL power to
the load
 6V to 36V Input Voltage
 Integrated Current Sense Resistor
 Polarity Insensitive Line Voltage Detection
 8-Lead SOIC Package with Exposed Pad
APPLICATIONS
 Industrial Ethernet
 Advanced Physical Layer
 Current Limiting




Similar Part No. - LT8606

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8606 LINER-LT8606 Datasheet
362Kb / 8P
42V, 0.35A Micropower Synchronous Step-Down Regulator
logo
Analog Devices
LT8606 AD-LT8606 Datasheet
2Mb / 24P
42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
01/21-REV.D
LT8606 AD-LT8606 Datasheet
1Mb / 24P
42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5μA Quiescent Current
Rev. D
More results


Similar Description - LT8606

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ARS11-B2-IC08-1 PF-ARS11-B2-IC08-1 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
ARS11-B2-IC08-2 PF-ARS11-B2-IC08-2 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
ARS11-B2-IC16-1 PF-ARS11-B2-IC16-1 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
ARS11-B2-IC16-2 PF-ARS11-B2-IC16-2 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
ARS11-B2-IC24-1 PF-ARS11-B2-IC24-1 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
ARS11-B2-IC24-2 PF-ARS11-B2-IC24-2 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
ARS12-B2-IC08-1 PF-ARS12-B2-IC08-1 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
ARS12-B2-IC08-2 PF-ARS12-B2-IC08-2 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
ARS12-B2-IC16-1 PF-ARS12-B2-IC16-1 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
ARS12-B2-IC24-1 PF-ARS12-B2-IC24-1 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com