Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPV706 Datasheet (PDF) - 3PEAK INC.

TPV706 Datasheet PDF - 3PEAK INC.
Part # TPV706
Download  TPV706 Download
File Size   1337.41 Kbytes
Page   16 Pages
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.
Description Low-Voltage Supervisory Circuits with Power-Fail Detector

TPV706 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPV706 Datasheet PDF - 3PEAK INC.

Part # TPV706
Download  TPV706 Click to download

File Size   1337.41 Kbytes
Page   16 Pages
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.
Description Low-Voltage Supervisory Circuits with Power-Fail Detector

TPV706 Datasheet (HTML) - 3PEAK INC.


TPV706 Product details

Features
• Precision Low-Voltage Monitoring and Power-Fail
Detector
• 200-ms (typical) Reset Timeout
• Manual Reset Input
• Independent Watchdog Timer
• Reset Output Stage
• Push-pull Active-low Output (TPV706)
• Low Power Consumption: 4 μA
• Guaranteed Reset Output Valid to VCC = 1 V
• Power Supply Glitch Immunity
• Temperature Range: −40°C to 125°C
• SOP-8 Package

Applications
• Microprocessor Systems
• Computers
• Controllers
• Intelligent Instruments
• Portable Equipment

Description
The TPV706 is a supervisory circuit to monitor power
supply voltage levels and provides a power-on reset
signal.
A watchdog monitor is provided, which is activated if the
watchdog input doesn’t toggle within 1.6 sec.
A reset signal can be asserted by an external manual reset
input.
In addition, there is a power-fail detector with a 1.25-V
threshold, which can be used to monitor an additional
power supply.
The reset periods are fixed at 200 ms (typical). The
TPV706 is available in an 8-pin SOP package and typically
consumes only 4 μA, which is suitable for low-power and
portable applications.




Similar Part No. - TPV706

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TPV7025 MOTOROLA-TPV7025 Datasheet
79Kb / 4P
UHF LINEAR POWER TRANSISTOR
logo
Advanced Semiconductor
TPV7025 ASI-TPV7025 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
logo
3PEAK INC.
TPV708 3PEAK-TPV708 Datasheet
1Mb / 14P
Low-Voltage Supervisory Circuits with Power-Fail Detector
logo
Wuxi Unigroup Microelec...
TPV70R110C WUMC-TPV70R110C Datasheet
772Kb / 8P
700V Super-Junction Power MOSFET
TPV70R190C WUMC-TPV70R190C Datasheet
908Kb / 10P
700V Super-Junction Power MOSFET
More results


Similar Description - TPV706

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3704 NSC-LM3704 Datasheet
315Kb / 17P
Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output and Manual Reset
logo
Texas Instruments
TPS3705 TI-TPS3705 Datasheet
263Kb / 16P
PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15 TI-TPS3306-15 Datasheet
274Kb / 13P
DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705 TI-TPS3705_07 Datasheet
713Kb / 22P
PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15-Q1 TI-TPS3306-15-Q1 Datasheet
255Kb / 12P
DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
TPS3705-30 TI1-TPS3705-30 Datasheet
771Kb / 21P
PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15DGKR TI-TPS3306-15DGKR Datasheet
633Kb / 18P
DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3306-15 TI1-TPS3306-15_16 Datasheet
851Kb / 18P
DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER-FAIL
TPS3705-30 TI1-TPS3705-30_16 Datasheet
1Mb / 28P
Processor Supervisory Circuits With Power-Fail
TPS3306-15-Q1 TI1-TPS3306-15-Q1_16 Datasheet
815Kb / 16P
DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com