Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1069500 Datasheet (PDF) - PHOENIX CONTACT

1069500 Datasheet PDF - PHOENIX CONTACT
Part # 1069500
Download  1069500 Download
File Size   1672.36 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description M17-3ES1N8AW500S/1,5 - Device connector front mounting

1069500 Datasheet (PDF)

Go To PDF Page Download Datasheet
1069500 Datasheet PDF - PHOENIX CONTACT

Part # 1069500
Download  1069500 Click to download

File Size   1672.36 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description M17-3ES1N8AW500S/1,5 - Device connector front mounting

1069500 Datasheet (HTML) - PHOENIX CONTACT


1069500 Product details

M17, Device connector front mounting, series: M17 PRO, straight, shielded: yes, for standard
and ONECLICK fast locking system, No. of pos.: 3+PE, Direction of rotation: Standard, contact
connection type: Socket, Crimp connection, flange dimensions: 26 mm x 26 mm, coding: N, Item
is lead-free in accordance with RoHS II without Exemption 6c (Pb < 0.1 %)

Your advantages
• Solutions with cross-manufacturer compatibility for standard and fast locking systems
• Modern, consistent design for highly convenient operation
• Crimping connection: vibration- and temperature-resistant assembly
• All housing can be fitted with pin or socket contacts
• Safe use in the field, thanks to high degree of protection




Similar Part No. - 1069500

ManufacturerPart #DatasheetDescription
logo
SICK AG
1069500 SICK-1069500 Datasheet
368Kb / 7P
PHOTOELECTRIC SENSORS
More results


Similar Description - 1069500

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1425627 PHOENIX-1425627 Datasheet
366Kb / 11P
SACC-E-M12MSL4FEM16XL/0,2GR-1,5 - Device connector front mounting
1425631 PHOENIX-1425631 Datasheet
363Kb / 11P
SACC-E-M12MSL4CONM16XL/0,2-1,5 - Device connector front mounting
1069502 PHOENIX-1069502 Datasheet
1Mb / 12P
M17-3EP1N8AW500S/1,5 - Device connector front mounting
1425635 PHOENIX-1425635 Datasheet
464Kb / 12P
SACC-E-M12MSK4PE-M16XL/0,2-1,5 - Device connector front mounting
1628500 PHOENIX-1628500 Datasheet
1Mb / 14P
M17-8ES1N8AA600S - Device connector front mounting
1628502 PHOENIX-1628502 Datasheet
1Mb / 14P
M17-8ES1N8AA500S - Device connector front mounting
1628924 PHOENIX-1628924 Datasheet
1Mb / 12P
M17-3EP1N8AW500S - Device connector front mounting
1683756 PHOENIX-1683756 Datasheet
1Mb / 10P
SACC-EC-M12MS-5CON-PG9/1,5 - Device connector front mounting
1425636 PHOENIX-1425636 Datasheet
439Kb / 11P
SACC-E-M12FSK4PE-M16XL/0,2-1,5 - Device connector front mounting
1628927 PHOENIX-1628927 Datasheet
1Mb / 13P
M17-17S1N8AW500S - Device connector front mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com