Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM1104 Datasheet (PDF) - Excelliance MOS Corp.

EM1104 Datasheet PDF - Excelliance MOS Corp.
Part # EM1104
Download  EM1104 Download
File Size   668.93 Kbytes
Page   8 Pages
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.
Description 600mA, High PSRR, Low Noise LDO Regulator

EM1104 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM1104 Datasheet PDF - Excelliance MOS Corp.

Part # EM1104
Download  EM1104 Click to download

File Size   668.93 Kbytes
Page   8 Pages
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.
Description 600mA, High PSRR, Low Noise LDO Regulator

EM1104 Datasheet (HTML) - Excelliance MOS Corp.


EM1104 Product details

General Description
The EM1104 performs ultra- low drop voltage, high
power supply rejection ratio (PSRR), fast response,
low noise linear regulator, and designed to
continuously deliver up to 600mA output current.
The EM1104 offers a range of 1.5V to 3.3V fixed
output, and high output accuracy to 2%.
No by-pass capacitor is needed for this device
and only 1uF ceramic capacitor is required for
stability in any loading conditions. It reduces the
amount of board space necessary for power
applications.
The other features include soft start, current
limit protection, Power-On-Reset function, and
over temperature protection. The EM1104 is
available in SOT-23-5 package

Features
 Ultra Fast Response in Line/Load Transient
 Wide VIN Range from 2.5V to 5.5V
 Custom Voltage Available
 Ultra Low Dropout Voltage: 400mV @600mA
 High Power Supply Rejection Ratio
 70dB at 1kHz
 55dB at 10kHz
 Ultra Low Output Noise Voltage 100uV(RMS)
 Low Shutdown Current < 1uA
 Only 1uF Ceramic Capacitor required for
stability
 Over Temperature Protection
 Current Limit Protection
 RoHS Compliant and 100% Lead (Pb)-Free

Applications
 Cellular Handsets
 Battery-Powered Equipment
 Laptop, Palmtops, Notebook Computers
 Hand-Held Instruments
 PCMCIA Cards
 Portable Information Applications




Similar Part No. - EM1104

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
EM110 CARLOGAVAZZI-EM110 Datasheet
341Kb / 6P
Energy Management Energy Meter Type EM110
EM110-DINAV81XO1PFB CARLOGAVAZZI-EM110-DINAV81XO1PFB Datasheet
341Kb / 6P
Energy Management Energy Meter Type EM110
logo
Excelliance MOS Corp.
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
300mA High PSRR Low Noise, Adjustable LDO Regulator
EM1101J EXCELLIANCE-EM1101J Datasheet
260Kb / 8P
300mA High PSRR Low Noise, Adjustable LDO Regulator
EM1103 EXCELLIANCE-EM1103 Datasheet
275Kb / 8P
300mA, High PSRR, Low Noise LDO Regulator
More results


Similar Description - EM1104

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7907A EUTECH-EUP7907A Datasheet
440Kb / 12P
600mA Low Noise High PSRR Low Dropout Linear Regulator
logo
Analog Microelectronics
AME8855 AME-AME8855 Datasheet
527Kb / 34P
High PSRR, Low Noise, 600mA CMOS Regulator
AME8855A AME-AME8855A Datasheet
451Kb / 34P
High PSRR, Low Noise, 600mA CMOS Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1230 YOBON-YB1230_09 Datasheet
360Kb / 11P
600mA, Low-Noise LDO Regulator
logo
Global Mixed-mode Techn...
G9188 GMT-G9188 Datasheet
50Kb / 1P
600mA High PSRR, Low Noise, LDO Regulators
logo
ACE Technology Co., LTD...
ACE527H ACE-ACE527H Datasheet
1Mb / 16P
Low Noise, High PSRR LDO Regulator
VER 1.3
logo
Lowpower Semiconductor ...
LP3986H POWER-LP3986H Datasheet
514Kb / 6P
600mA,Ultra-low Noise LDO Regulator
logo
Excelliance MOS Corp.
EM1103 EXCELLIANCE-EM1103 Datasheet
275Kb / 8P
300mA, High PSRR, Low Noise LDO Regulator
EM1106 EXCELLIANCE-EM1106 Datasheet
815Kb / 10P
600mA High PSRR Low Noise LDO
logo
Fitipower Integrated Te...
FP6166 FITIPOWER-FP6166 Datasheet
697Kb / 11P
600mA Low Noise High PSRR LDO with Shutdown
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com