Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM5201D Datasheet (PDF) - Excelliance MOS Corp.

EM5201D Datasheet PDF - Excelliance MOS Corp.
Part # EM5201D
Download  EM5201D Download
File Size   806.42 Kbytes
Page   8 Pages
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.
Description Ultra-low Resistance with Quick Rising Time Load Switch

EM5201D Datasheet (PDF)

Go To PDF Page Download Datasheet
EM5201D Datasheet PDF - Excelliance MOS Corp.

Part # EM5201D
Download  EM5201D Click to download

File Size   806.42 Kbytes
Page   8 Pages
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.
Description Ultra-low Resistance with Quick Rising Time Load Switch

EM5201D Datasheet (HTML) - Excelliance MOS Corp.


EM5201D Product details

General Description
The EM5201D is a small, ultra-low RON, single channel
load switch with controlled turn on. The device contains
an N-channel MOSFET that can operate over an input
voltage range of 0.6V to 5V and can support a maximum
continuous current of 8A.
The combination of ultra-low RON and high current
capability of the device makes it ideal for driving
processor rails with very tight voltage dropout tolerances.
The EM5201D is available in a small, space-saving
DFN3.0X3.0-08 with integrated thermal pad allowing for
high power dissipation.

Features
 VBIAS Voltage Range : 3V to 5.5V
 VIN Voltage Range : 0.8V to 5.5V
 Low Ron Internal NMOS: Ron=6.5mohm for 8A at
Vin=1.05V(VBIAS=3V to 5.5V)
 8A Continuous Current
 Low Quiescent Current (20uA at VBIAS=5V)
 Low Shutdown Current (1uA at VBIAS=5V)
 Quick Output Discharge
 DFN3.0X3.0-08 with Thermal PAD

Applications
 Notebook & Netbook & MB
 Desktops
 Tablet PC




Similar Part No. - EM5201D

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EM5201 EXCELLIANCE-EM5201 Datasheet
2Mb / 13P
Ultra-low Resistance with Quick Rising Time Load Switch
2018/09/28
EM5201A EXCELLIANCE-EM5201A Datasheet
2Mb / 12P
Ultra-low Resistance with Quick Rising Time Load Switch
2020/03/30 A.5
EM5201AV EXCELLIANCE-EM5201AV Datasheet
2Mb / 12P
Ultra-low Resistance with Quick Rising Time Load Switch
2020/03/30 A.5
EM5201BJ EXCELLIANCE-EM5201BJ Datasheet
2Mb / 12P
Ultra-low Resistance with Quick Rising Time Load Switch
2018/09/28
More results


Similar Description - EM5201D

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC8102 TOREX-XC8102_1 Datasheet
355Kb / 19P
Load Switch with Low On-Resistance
logo
Texas Instruments
TPS22965 TI1-TPS22965 Datasheet
1Mb / 25P
Single Channel, Ultra-Low Resistance Load Switch
TPS22966 TI1-TPS22966 Datasheet
858Kb / 26P
Dual Channel, Ultra-Low Resistance Load Switch
TPS22930 TI-TPS22930 Datasheet
895Kb / 19P
ULTRA SMALL, LOW RESISTANCE LOAD SWITCH
TPS22967 TI1-TPS22967 Datasheet
1Mb / 26P
Single Channel, Ultra-Low Resistance Load Switch
logo
Global Mixed-mode Techn...
GM5938 GMT-GM5938 Datasheet
47Kb / 1P
Very Ultra-Low On-Resistance Load Switch
logo
Texas Instruments
TPS22968 TI1-TPS22968 Datasheet
1Mb / 33P
Dual Channel, Ultra-Low Resistance Load Switch
logo
Richtek Technology Corp...
RT9740A RICHTEK-RT9740A Datasheet
248Kb / 16P
Dual Channel, Ultra-Low Resistance Load Switch
logo
Excelliance MOS Corp.
EM5208 EXCELLIANCE-EM5208 Datasheet
872Kb / 9P
Dual Channel, Ultra-Low Resistance Load Switch
EM5209 EXCELLIANCE-EM5209 Datasheet
1Mb / 10P
Dual Channel, Ultra-Low Resistance Load Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com