Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NGW40T65M3DFP Datasheet (PDF) - Nexperia B.V. All rights reserved

NGW40T65M3DFP Datasheet PDF - Nexperia B.V. All rights reserved
Part # NGW40T65M3DFP
Download  NGW40T65M3DFP Download
File Size   263.93 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 650 V, 40 A trench field-stop IGBT with full rated silicon diode

NGW40T65M3DFP Datasheet (PDF)

Go To PDF Page Download Datasheet
NGW40T65M3DFP Datasheet PDF - Nexperia B.V. All rights reserved

Part # NGW40T65M3DFP
Download  NGW40T65M3DFP Click to download

File Size   263.93 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 650 V, 40 A trench field-stop IGBT with full rated silicon diode

NGW40T65M3DFP Datasheet (HTML) - Nexperia B.V. All rights reserved


NGW40T65M3DFP Product details

General Description
The NGW40T65M3DFP is a robust Insulated-Gate Bipolar Transistor (IGBT) featuring
third-generation technology. It combines carrier stored trench-gate and field-stop (FS) structures.
The NGW40T65M3DFP is rated to 175 °C with optimized IGBT turn-off losses, and has a shortcircuit withstand time of 5 μs. This hard-switching 650 V, 40 A IGBT is optimized for high-voltage,
high-frequency industrial power inverter applications and servo motor drive applications

Features and benefits
• Collector current (IC) rated at 40 A
• Low conduction and switching losses
• Stable and tight parameters for easy parallel operation
• Maximum junction temperature of 175 °C
• Fully rated as a soft fast reverse recovery diode
• 5 μs short circuit withstand time
• RoHS compliant, lead-free plating

Applications
• Motor drives for industrail and consumer appliances
• Serve motors operating between 5-20 kW (up to 20 kHz) for robotics, elevators, operating
grippers, in-line manufactuing, etc.
• Power inverters
• Uninterruptible Power Supply (UPS) inverter
• Photovoltaic (PV) strings
• EV charging
• Induction heating
• Welding




Similar Part No. - NGW40T65M3DFP

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
NGW-WSG DOMINANT-NGW-WSG Datasheet
919Kb / 14P
Super high brightness surface mount LED
logo
Nexperia B.V. All right...
NGW50T65H3DFP NEXPERIA-NGW50T65H3DFP Datasheet
367Kb / 16P
650 V, 50 A high speed trench field-stop IGBT with full rated silicon diode
Rev. 1 - 28 June 2024
More results


Similar Description - NGW40T65M3DFP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH40T65UPD FAIRCHILD-FGH40T65UPD Datasheet
308Kb / 10P
650 V, 40 A Field Stop Trench IGBT
logo
ON Semiconductor
FGH40T65SQD ONSEMI-FGH40T65SQD Datasheet
937Kb / 11P
650 V, 40 A Field Stop Trench IGBT
June 2017 Rev. 1.0
AFGHL40T65SQ ONSEMI-AFGHL40T65SQ Datasheet
255Kb / 8P
Field Stop Trench IGBT 40A, 650V
January, 2020 ??Rev. 1
AFGHL40T65SQD ONSEMI-AFGHL40T65SQD Datasheet
268Kb / 9P
Field Stop Trench IGBT 40A, 650V
June, 2020 ??Rev. 2
FGAF40S65AQ ONSEMI-FGAF40S65AQ Datasheet
491Kb / 10P
Field Stop Trench IGBT 650 V, 40 A
May, 2021 ??Rev. 3
FGH40T65SH ONSEMI-FGH40T65SH Datasheet
480Kb / 8P
IGBT - Field Stop, Trench 650 V, 40 A
December, 2020 - Rev. 3
FGH40T65SHD ONSEMI-FGH40T65SHD Datasheet
1Mb / 9P
IGBT - Field Stop, Trench 650 V, 40 A
April, 2020 ??Rev. 3
FGH40T65SPD ONSEMI-FGH40T65SPD Datasheet
585Kb / 9P
IGBT - Field Stop, Trench 650 V, 40 A
November, 2020 ??Rev. 4
FGHL40S65UQ ONSEMI-FGHL40S65UQ Datasheet
311Kb / 10P
Field Stop Trench IGBT 40 A, 650 V
May, 2019 ??Rev. P0
FGH40T65SHDF ONSEMI-FGH40T65SHDF Datasheet
503Kb / 9P
IGBT - Field Stop, Trench 650 V, 40 A
November, 2020 ??Rev. 4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com