Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB-A36CPA9-R-155.520MHZ Datasheet (PDF) - Abracon Corporation

AB-A36CPA9-R-155.520MHZ Datasheet PDF - Abracon Corporation
Part # AB-A36CPA9-R-155.520MHZ
Download  AB-A36CPA9-R-155.520MHZ Download
File Size   378.22 Kbytes
Page   5 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description PECL/LVPECL HF VCXO

AB-A36CPA9-R-155.520MHZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AB-A36CPA9-R-155.520MHZ Datasheet PDF - Abracon Corporation

Part # AB-A36CPA9-R-155.520MHZ
Download  AB-A36CPA9-R-155.520MHZ Click to download

File Size   378.22 Kbytes
Page   5 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description PECL/LVPECL HF VCXO

AB-A36CPA9-R-155.520MHZ Datasheet (HTML) - Abracon Corporation


AB-A36CPA9-R-155.520MHZ Product details

Features
• Wide frequency range – 12.0MHz to 280.000MHz
• High Reliability- NEL HALT/HASS qualified for crystal oscillator start-up conditions
• Ultra Low Phase Noise and Jitter
• High Shock Resistance, to 1000g
• No Multiplication
• Absolute Pull Range (APR) to ±1000ppm
• SONET ± 20ppm overall free-run stability available

Applications
• Fiber Channel
• 10 GbE
• Infiniband
• Network Processors
• SONET/SDH
• COTS/Dual use




Similar Part No. - AB-A36CPA9-R-155.520MHZ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
AB-A36DH99-FREQ NEL-AB-A36DH99-FREQ Datasheet
140Kb / 3P
PECL/LVPECL UHF VCXO
AB-A36DH9E-FREQ NEL-AB-A36DH9E-FREQ Datasheet
140Kb / 3P
PECL/LVPECL UHF VCXO
AB-A36DH9F-FREQ NEL-AB-A36DH9F-FREQ Datasheet
140Kb / 3P
PECL/LVPECL UHF VCXO
AB-A36DH9G-FREQ NEL-AB-A36DH9G-FREQ Datasheet
140Kb / 3P
PECL/LVPECL UHF VCXO
AB-A36DH9H-FREQ NEL-AB-A36DH9H-FREQ Datasheet
140Kb / 3P
PECL/LVPECL UHF VCXO
More results


Similar Description - AB-A36CPA9-R-155.520MHZ

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
VS9P RALTRON-VS9P Datasheet
589Kb / 3P
LOW COST UHF/HF VCXO, LVPECL, 3.3 VDC
logo
Nel Frequency Controls,...
AB-X36DXXX NEL-AB-X36DXXX Datasheet
140Kb / 3P
PECL/LVPECL UHF VCXO
SU-X36CXXX NEL-SU-X36CXXX Datasheet
140Kb / 3P
PECL/LVPECL HF VCXO
logo
Advanced XTAL Products
AXIS20 AXTAL-AXIS20 Datasheet
54Kb / 2P
PECL VCXO
2005-07-15
logo
Jauch Quartz Gmbh
JVE75B JAUCH-JVE75B Datasheet
195Kb / 2P
SMD PECL VCXO
logo
Nel Frequency Controls,...
AB-X29SXXX-X NEL-AB-X29SXXX-X Datasheet
148Kb / 3P
PECL/LVPECL HF XO
AB-X36CXXX-X NEL-AB-X36CXXX-X Datasheet
159Kb / 3P
PECL/LVPECL HF VCXO
AB-X36DXX-X NEL-AB-X36DXX-X Datasheet
159Kb / 3P
PECL/LVPECL UHF VCXO
logo
Raltron Electronics Cor...
VS9L RALTRON-VS9L Datasheet
573Kb / 3P
ULTRA HF VCXO, LVPECL, 3.3 VDC
VS9M RALTRON-VS9M Datasheet
593Kb / 3P
ANALOG MULTIPLIED LVPECL SERIES: ULTRA HF VCXO, LVPECL, 3.3 VDC
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com