Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM160N40DFV Datasheet (PDF) - Rectron Semiconductor

RM160N40DFV Datasheet PDF - Rectron Semiconductor
Part # RM160N40DFV
Download  RM160N40DFV Download
File Size   3917.83 Kbytes
Page   9 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N-Channel Enhancement Mosfet

RM160N40DFV Datasheet (PDF)

Go To PDF Page Download Datasheet
RM160N40DFV Datasheet PDF - Rectron Semiconductor

Part # RM160N40DFV
Download  RM160N40DFV Click to download

File Size   3917.83 Kbytes
Page   9 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N-Channel Enhancement Mosfet

RM160N40DFV Datasheet (HTML) - Rectron Semiconductor


RM160N40DFV Product details

Feature
40V,160A
RDS(ON)<1.3mΩ@VGS=10V (TYP:1.1mΩ)
RDS(ON)<1.8mΩ@VGS=4.5V (TYP:1.6mΩ)
Split Gate Trench Technology
Lead free product is acquired
Excellent RDS(ON)and Low Gate Charge




Similar Part No. - RM160N40DFV

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM160N40DF RECTRON-RM160N40DF Datasheet
3Mb / 9P
N-Channel Enhancement Mosfet
2023-11/59 REV:O
More results


Similar Description - RM160N40DFV

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
N-Channel Enhancement MOSFET
KX6N70F KEXIN-KX6N70F Datasheet
4Mb / 4P
N-Channel Enhancement MOSFET
SI2324DS KEXIN-SI2324DS Datasheet
2Mb / 6P
N-Channel Enhancement MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com