Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVT10500PDTR Datasheet (PDF) - Silan Microelectronics Joint-stock

SVT10500PDTR Datasheet PDF - Silan Microelectronics Joint-stock
Part # SVT10500PDTR
Download  SVT10500PDTR Download
File Size   377.82 Kbytes
Page   9 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description -30A, -100V P CHANNEL MOSFET

SVT10500PDTR Datasheet (PDF)

Go To PDF Page Download Datasheet
SVT10500PDTR Datasheet PDF - Silan Microelectronics Joint-stock

Part # SVT10500PDTR
Download  SVT10500PDTR Click to download

File Size   377.82 Kbytes
Page   9 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description -30A, -100V P CHANNEL MOSFET

SVT10500PDTR Datasheet (HTML) - Silan Microelectronics Joint-stock


SVT10500PDTR Product details

DESCRIPTION
SVT10500PD is a P channel enhancement mode power MOS field
effect transistor which is produced using Silan's LVMOS
technology. The improved process and cell structure have been
especially tailored to minimize on-state resistance, provide superior
switching performance and high avalanche breakdown tolerance.
This device is widely used in UPS, Power Management for Inverter
Systems.

FEATURES
 -30A,-100V,RDS(on)(typ.) =35m@VGS=-10V
 Low gate charge
 Low Crss
 Fast switching
 Improved dv/dt capability
 100% avalanche tested
 Pb-free lead plating
 RoHS compliant




Similar Part No. - SVT10500PDTR

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SVT10100U PANJIT-SVT10100U Datasheet
228Kb / 5P
EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SVT10100UB PANJIT-SVT10100UB Datasheet
247Kb / 5P
EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Silan Microelectronics ...
SVT10111ND SILAN-SVT10111ND Datasheet
317Kb / 8P
14A, 100V N-CHANNEL MOSFET
Rev.:1.3
SVT10111NDTR SILAN-SVT10111NDTR Datasheet
317Kb / 8P
14A, 100V N-CHANNEL MOSFET
Rev.:1.3
logo
Pan Jit International I...
SVT10120V PANJIT-SVT10120V Datasheet
228Kb / 5P
ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SVT10500PDTR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA17P10 FAIRCHILD-FQA17P10 Datasheet
676Kb / 8P
100V P-Channel MOSFET
FQAF17P10 FAIRCHILD-FQAF17P10 Datasheet
667Kb / 8P
100V P-Channel MOSFET
FQB8P10 FAIRCHILD-FQB8P10 Datasheet
667Kb / 9P
100V P-Channel MOSFET
FQPF12P10 FAIRCHILD-FQPF12P10 Datasheet
631Kb / 8P
100V P-Channel MOSFET
logo
Unisonic Technologies
12P10 UTC-12P10 Datasheet
256Kb / 7P
100V P-CHANNEL MOSFET
logo
Guangdong Kexin Industr...
KQD5P10 KEXIN-KQD5P10 Datasheet
63Kb / 2P
100V P-Channel MOSFET
logo
Unisonic Technologies
UTT30N10 UTC-UTT30N10 Datasheet
181Kb / 5P
30A, 100V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FQD12P10TMF085 FAIRCHILD-FQD12P10TMF085 Datasheet
883Kb / 8P
100V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM22P10 KERSEMI-KSM22P10 Datasheet
1Mb / 6P
100V P-Channel MOSFET
KSMD8P10TM_F085 KERSEMI-KSMD8P10TM_F085 Datasheet
995Kb / 6P
100V P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com