Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A33002LLEATR Datasheet (PDF) - Allegro MicroSystems

A33002LLEATR Datasheet PDF - Allegro MicroSystems
Part # A33002LLEATR
Download  A33002LLEATR Download
File Size   4200.72 Kbytes
Page   104 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Precision Angle Sensor IC with On-Chip Linearization, SENT, SPI, and PWM Output

A33002LLEATR Datasheet (PDF)

Go To PDF Page Download Datasheet
A33002LLEATR Datasheet PDF - Allegro MicroSystems

Part # A33002LLEATR
Download  A33002LLEATR Click to download

File Size   4200.72 Kbytes
Page   104 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Precision Angle Sensor IC with On-Chip Linearization, SENT, SPI, and PWM Output

A33002LLEATR Datasheet (HTML) - Allegro MicroSystems


A33002LLEATR Product details

FEATURES AND BENEFITS
• Contactless 0° to 360° angle sensor IC for angular
position, rotational speed, and direction measurement
□ Capable of sensing magnet rotational speeds targeting
12-bit effective resolution with 900 G field
□ Circular vertical Hall (CVH) technology provides
a single-channel sensor system with air-gap
independence
• On-chip 32-segment linearization to improve angle accuracy
□ Reduces the impact of magnet-to-sensor misalignment
□ Reduces the impact of imperfect magnetization of
target magnet
• Developed in accordance with ISO 26262 requirements
for hardware product development for use in safetycritical applications
□ Single-die version designed to meet ASIL B
requirements when integrated and used in conjunction
with the appropriate system-level control, in the
manner prescribed in the A33002 Safety Manual
□ Dual-die version designed to meet ASIL D
requirements when integrated and used in conjunction
with the appropriate system-level control, in the
manner prescribed in the A33002 Safety Manual
• Digital output format selectable between SPI, SENT, or
PWM
• Programmable via Manchester encoding on the VCC line
(user to device) and VOUT line (device to user), reducing
external wiring
SENT output is SAE J2716 JAN2010-compliant with Allegro
proprietary enhancements
□ Customer-programmable SENT tick times ranging
from 0.5 to 7.9 µs
• On-chip EEPROM for storing factory and customer
calibration parameters
□ Integrated charge pump allows in-application programming
without any requirement for high voltages to be supplied to
the device during programming
□ Single-bit error correction, dual-bit error detection error
correction control (ECC)
• Supports operation in harsh conditions required for automotive
and industrial applications
□ Operating temperature range from –40°C to 150°C
□ Operating supply voltage range from 3.7 to 5.5 V, absolute
maximum of 28 V
• Loss of power is indicated by a reset flag
• 10 MHz SPI for low-latency angle and diagnostic data; enables
multiple independent ICs to be connected to the same bus
□ 4-bit CRC
• Multiple programming/configuration formats supported
□ The system can be completely controlled and programmed
over SPI or Manchester protocol, including EEPROM writes
□ For system with limited pins available, writing and reading
can be performed over VCC and VOUT pins.
□ 1 mm-thin, surface-mount TSSOP package to minimize air
gap from target magnet to the CVH transducer for improved
field strength
DESCRIPTION
The A33002 is a 360° angle sensor IC that provides contactless
high-resolution angular position data based on magnetic circular
vertical Hall (CVH) technology. It has a system-on-chip (SoC)
architecture that includes: a CVH front end, digital signal
processing to calculate the angular position data, and selectable
output protocols (SPI, SENT, or PWM). It also includes on-chip
EEPROM technology capable of supporting up to 100 read/
write cycles for flexible programming of calibration parameters.
The A33002 is ideal for automotive applications requiring 0°
to 360° angle measurements, such as electronic power steering
(EPS), transmission actuators, and BLDC pumps.
The A33002 includes on-chip 32-segment linearization. This
can be used to calibrate out errors due to misalignment between
the magnet and the sensor or imperfect magnetization of the
target magnet (which can present itself as a misalignment of
the magnet to the sensor).
The A33002 supports customer integration into safety-critical
applications.
The A33002 is available in a single-die or dual-die 14-pin TSSOP
package (suffix LE). The package is lead (Pb) free with 100% matte
tin leadframe plating. The 1 mm-thin package reduces the minimum
air gap between the CVH transducer and the target magnet.




Similar Part No. - A33002LLEATR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
A33015C0GL5 VISHAY-A33015C0GL5 Datasheet
104Kb / 8P
Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
20-Aug-13
logo
DB Lectro Inc
A3304BA5 DBLECTRO-A3304BA5 Datasheet
275Kb / 1P
DONCO CONNECTOR (FEMALE ON WIRE TYPE)
A3304BG5 DBLECTRO-A3304BG5 Datasheet
275Kb / 1P
DONCO CONNECTOR (FEMALE ON WIRE TYPE)
A3304BS5 DBLECTRO-A3304BS5 Datasheet
275Kb / 1P
DONCO CONNECTOR (FEMALE ON WIRE TYPE)
A3304BT5 DBLECTRO-A3304BT5 Datasheet
275Kb / 1P
DONCO CONNECTOR (FEMALE ON WIRE TYPE)
More results


Similar Description - A33002LLEATR

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1340 ALLEGRO-A1340 Datasheet
1Mb / 42P
High Precision Programmable Linear Hall Effect Sensor IC with EEPROM, Analog Output, and Advanced Output Linearization
A1335 ALLEGRO-A1335 Datasheet
1Mb / 29P
Precision Hall-Effect Angle Sensor IC with I 2C, SPI, and SENT Interfaces
logo
Melexis Microelectronic...
MLX90367EDC-ABS MELEXIS-MLX90367EDC-ABS Datasheet
910Kb / 36P
Triaxis횘 Position Sensor IC feat. SENT
logo
Allegro MicroSystems
A1330 ALLEGRO-A1330 Datasheet
3Mb / 40P
Programmable Angle Sensor IC with Analog and PWM Output
A1337 ALLEGRO-A1337 Datasheet
1Mb / 37P
Precision, Hall-Effect Angle Sensor IC with SPI, and SENT or PWM Outputs
A1338 ALLEGRO-A1338 Datasheet
1Mb / 33P
Precision, Hall-Effect Angle Sensor IC with SPI, and SENT or PWM Outputs
A1341 ALLEGRO-A1341 Datasheet
1Mb / 53P
High Precision, Programmable Linear Hall Effect Sensor IC with EEPROM, SENT and PWM Output Protocols, and Advanced Output Linearization
A1343 ALLEGRO-A1343 Datasheet
2Mb / 53P
High-Precision, Highly Programmable Linear Hall-Effect Sensor IC with EEPROM, Output Protocols SENT and PWM, and Advanced Output Linearization
AAS33001 ALLEGRO-AAS33001 Datasheet
1Mb / 63P
Precision Angle Sensor IC with Incremental and Motor Commutation Outputs and On-Chip Linearization
AAS33051 ALLEGRO-AAS33051 Datasheet
1Mb / 76P
Precision Angle Sensor IC with Incremental and Motor Commutation Outputs and On-Chip Linearization
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com