Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM80900 Datasheet (PDF) - Allegro MicroSystems

APM80900 Datasheet PDF - Allegro MicroSystems
Part # APM80900
Download  APM80900 Download
File Size   5325.69 Kbytes
Page   26 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Automotive-Grade, Low-EMI, 1.5 A PWM Dimmable Synchronous Buck LED Module

APM80900 Datasheet (PDF)

Go To PDF Page Download Datasheet
APM80900 Datasheet PDF - Allegro MicroSystems

Part # APM80900
Download  APM80900 Click to download

File Size   5325.69 Kbytes
Page   26 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Automotive-Grade, Low-EMI, 1.5 A PWM Dimmable Synchronous Buck LED Module

APM80900 Datasheet (HTML) - Allegro MicroSystems


APM80900 Product details

FEATURES AND BENEFITS
• Automotive AEC-Q100 qualified
• Supply voltage 4.5 to 36 V, maximum 40 V
• Complete 1.5 A maximum output compact LED driver
• Integrated inductor, VIN, and boot capacitors
• Ultra-low EMI architecture, fSW > 2 MHz
• Spread spectrum for improved EMC
• Integrated high-side and low-side MOSFETs:
80 mΩ / 60 mΩTYP, 90% efficiency at 1 A
• 5 V, 14 mA LDO regulator for peripheral circuits
• Dimming via external PWM or EN pin
• Analog dimming for brightness calibration and thermal
foldback
• Low power shutdown (1 μA typical)
• High side current sense, ±3% accuracy
• Fault flag output
• LED open fault mask setting for low VIN operation
• Undervoltage lockout (UVLO) and thermal shutdown
protection
• Robust protection against:
□ Adjacent pin-to-pin short
□ Pin-to-ground short
□ Component open/short faults

DESCRIPTION
The APM80900 is a complete synchronous buck switching
regulator module that provides constant current output to drive
high-power LEDs. It integrates both high-side and low-side
N-channel switches, inductor, high frequency VIN and boot
capacitors. A true average current is output using a cycle-bycycle, controlled on-time method.
Output current is user-selectable by an external current sense
resistor. Output voltage automatically adjusts to the LED
string voltage to ensure optimal system efficiency.
LED dimming is accomplished by a direct logic input pulsewidth modulation (PWM) signal at the PWM pin while EN is
enabled. Alternatively, applying a PWM signal at the EN pin
while the PWM pin is high provides “chopped battery” PWM
dimming for legacy control modules.
The analog dimming input (ADIM pin) can be used to
calibrate the LED current or implement thermal foldback in
conjunction with an external NTC thermistor.
The APM80900 is provided in a compact, thermally enhanced
4 mm × 6 mm × 2.1 mm QFN-32 package with wettable flanks.
APPLICATIONS:
• Daytime running lights
• Front and rear fog lights
• Turn/stop lights
• Map light
• Dimmable interior lights
• Puddle lights




Similar Part No. - APM80900

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
APM80904 ALLEGRO-APM80904 Datasheet
5Mb / 29P
Automotive-Grade, Low-EMI, 1.5 A PWM Dimmable Synchronous Buck LED Module
November 29, 2022
APM80904KNBATR ALLEGRO-APM80904KNBATR Datasheet
5Mb / 29P
Automotive-Grade, Low-EMI, 1.5 A PWM Dimmable Synchronous Buck LED Module
November 29, 2022
More results


Similar Description - APM80900

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8807BQ DIODES-AL8807BQ Datasheet
2Mb / 18P
AUTOMOTIVE GRADE 30V 1.3A PWM DIMMABLE BUCK LED DRIVER
Rev 1
logo
Allegro MicroSystems
A6217 ALLEGRO-A6217 Datasheet
1Mb / 19P
Automotive-Grade, Constant-Current PWM Dimmable Buck Regulator LED Driver
logo
Maxic Technology Corpor...
MT7864 MAXIC-MT7864 Datasheet
185Kb / 1P
PWM Dimmable APFC BUCK LED Driver
MT7865 MAXIC-MT7865 Datasheet
185Kb / 1P
PWM Dimmable APFC BUCK LED Driver
logo
Bright Power Semiconduc...
BP2838 BPS-BP2838 Datasheet
238Kb / 2P
PWM dimmable Non-isolated Buck LED Driver
BP2876D BPS-BP2876D Datasheet
495Kb / 2P
PWM Dimmable Buck LED Driver
logo
Allegro MicroSystems
ALT80800 ALLEGRO-ALT80800 Datasheet
1Mb / 23P
Automotive-Grade, Constant-Current 2.0 A PWM Dimmable Synchronous Buck LED Driver
logo
Maxic Technology Corpor...
MT7860 MAXIC-MT7860 Datasheet
185Kb / 1P
PWM/Analog Dimmable APFC BUCK LED Driver
logo
STMicroelectronics
STEVAL-ILL089V1 STMICROELECTRONICS-STEVAL-ILL089V1 Datasheet
902Kb / 4P
1 A buck LED driver board based on the ALED6000 automotive-grade dimmable LED driver
Rev 1 - November 2019
logo
Maxic Technology Corpor...
MT7862 MAXIC-MT7862 Datasheet
106Kb / 1P
PWM Dimmable APFC BUCK LED Driver
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com