Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IFN202 Datasheet (PDF) - InterFET Corporation

IFN202 Datasheet PDF - InterFET Corporation
Part # IFN202
Download  IFN202 Download
File Size   599.94 Kbytes
Page   6 Pages
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation
Description N-Channel JFET

IFN202 Datasheet (PDF)

Go To PDF Page Download Datasheet
IFN202 Datasheet PDF - InterFET Corporation

Part # IFN202
Download  IFN202 Click to download

File Size   599.94 Kbytes
Page   6 Pages
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation
Description N-Channel JFET

IFN202 Datasheet (HTML) - InterFET Corporation


IFN202 Product details

Features
• InterFET N106A Geometry
• Tightly screened IFN201A: VGS(OFF): -0.5V to -1.0V
• Low gate leakage: 750fA typical @20V
• Low CISS: 3pF typical
• High radiation tolerance
• RoHS, REACH, CMR compliant
• Custom test and binning options available
• SMT and bare die package options
• Edge case SPICE modeling: InterFET SPICE

Industry Standard Crosses
• SST201, MMBFJ201, J201, J202

nterFET Similar Parts
• 2N4338, 2N4339, 2N4867, 2N4868, 2N4869, J201, J202, 2N3458, 2N3459, 2N3460
• SMP4338, SMP4339, SMP4867, SMP4868, SMP4869, SMPJ201, SMPJ202, SMP3458, SMP3459,
SMP3460

InterFET Similar Dual Parts
• IFN3954-8; IFN5197-9; IFNU231-5; IFNU401-6; IFNU410-2
• SMP3954-8; SMP5197-9; SMPU231-5; SMPU401-6; SMPU410-2

Applications
• General: Amplifiers; Low leakage switches; Signal mixers
• Audio: Tone control circuits; Headphone amplifiers; Audio filters; Preamplifier speaker drive;
Microphone impedance transformation and drive; Phono preamplifiers
• Military/Aero: Radar and communication systems; Missiles and guidance systems; Radiation detection
• Medical: Medical imaging systems; Medical monitors and recorders; Ultrasound equipment

Description
The InterFET IFN201, IFN201A, and IFN202 parts are targeted for cost sensitive low noise applications.
These parts are ideal for audio mic and preamplifier designs. Gate leakages are less than 1pA at 20V at
room temperatures. Exact crosses for SST201, MMBFJ201, MMBFJ201, J201, and J202 JFETs.




Similar Part No. - IFN202

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
IFN201 INTERFET-IFN201 Datasheet
599Kb / 6P
N-Channel JFET
May, 2023
IFN201A INTERFET-IFN201A Datasheet
599Kb / 6P
N-Channel JFET
May, 2023
More results


Similar Description - IFN202

ManufacturerPart #DatasheetDescription
logo
Micross Components
J210_TO-92 MICROSS-J210_TO-92 Datasheet
278Kb / 1P
N-CHANNEL JFET
J212_TO-92 MICROSS-J212_TO-92 Datasheet
277Kb / 1P
N-CHANNEL JFET
LS5906_SOT-23 MICROSS-LS5906_SOT-23 Datasheet
280Kb / 1P
N-CHANNEL JFET
LS5907_TO-71 MICROSS-LS5907_TO-71 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5908_TO-78 MICROSS-LS5908_TO-78 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5909_PDIP MICROSS-LS5909_PDIP Datasheet
282Kb / 1P
N-CHANNEL JFET
LS5909_TO-78 MICROSS-LS5909_TO-78 Datasheet
291Kb / 1P
N-CHANNEL JFET
LS5912_SOT-23 MICROSS-LS5912_SOT-23 Datasheet
275Kb / 1P
N-CHANNEL JFET
LS5912C_TO-71 MICROSS-LS5912C_TO-71 Datasheet
281Kb / 1P
N-CHANNEL JFET
LSJ108_SOT-23 MICROSS-LSJ108_SOT-23 Datasheet
289Kb / 1P
N-CHANNEL JFET
More results




About InterFET Corporation


InterFET Corporation is a semiconductor company that specializes in the design and manufacture of high-performance, precision, and low-noise analog transistors. They offer a wide range of products including JFETs (Junction Field-Effect Transistors), MOSFETs (Metal-Oxide-Semiconductor Field-Effect Transistors), and other specialized transistors.

InterFET serves a variety of industries, including aerospace, medical, military, and telecommunications. Their transistors are used in a variety of applications such as signal amplification, filtering, voltage regulation, and precision measurement.

The company was founded in 1981 and is headquartered in California, USA. They have a strong commitment to research and development, and are dedicated to providing high-quality and reliable products to their customers. In addition to their standard products, InterFET also provides customized solutions to meet specific customer requirements.

Overall, InterFET is a trusted and reliable supplier of high-performance analog transistors, with a strong reputation for quality and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com