Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N0001H Datasheet (PDF) - InterFET Corporation

N0001H Datasheet PDF - InterFET Corporation
Part # N0001H
Download  N0001H Download
File Size   574.31 Kbytes
Page   5 Pages
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation
Description Process Geometry

N0001H Datasheet (PDF)

Go To PDF Page Download Datasheet
N0001H Datasheet PDF - InterFET Corporation

Part # N0001H
Download  N0001H Click to download

File Size   574.31 Kbytes
Page   5 Pages
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation
Description Process Geometry

N0001H Datasheet (HTML) - InterFET Corporation


N0001H Product details

Features
• Low Input Capacitance: 2.0pF Typical
• Low Gate Leakage: 0.5pA Typical
• High Breakdown Voltage: -60V Typical
• High Input Impedance
• Small Die: 365um X 365um X 203um
• Bond Pads: 90um X 90um
• Substrate Connected to Gate
• Au Back-Side Finish

Applications
• Small Signal Amplifier
• Ultrahigh Impedance Pre-Amplifier
• Pico-Amp Diodes (PAD)
• High Input Impedance Buffers
• Custom Part Options

Description
The InterFET N0001H Geometry is targeted high
impedance low leakage applications. The low
input capacitance makes it ideal for high
frequency applications.

Standard Parts
• 2N4117/A, 2N4118/A, 2N4119/A
• PAD1, PAD2, PAD5, PAD10
• PAD20, PAD50
• DPAD1, DPAD2, DPAD5, DPAD10
• DPAD20, DPAD50, DPAD100
• IFN421, IFN422, IFN423, IFN424
• IFN425, IFN426, IFN427, IFN428
• VCR7N




Similar Part No. - N0001H

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
N000D00001-R JAE-N000D00001-R Datasheet
53Kb / 2P
Coaxial connector, threaded coupling (5/8-24UNEF), 3GHz, Dust cap
N000D103Z00 JAE-N000D103Z00 Datasheet
54Kb / 2P
Coaxial connector, threaded coupling (5/8-24UNEF), 3GHz, Dust cap
More results


Similar Description - N0001H

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N1893 SEMICOA-2N1893 Datasheet
67Kb / 2P
Type 2N1893 Geometry 4500 Polarity NPN
2N2857 SEMICOA-2N2857 Datasheet
42Kb / 2P
Type 2N2857 Geometry 0011 Polarity NPN
2N2907A SEMICOA-2N2907A Datasheet
45Kb / 2P
Type 2N2907A Geometry 0600 Polarity PNP
2N3019 SEMICOA-2N3019 Datasheet
45Kb / 2P
Type 2N3019 Geometry 4500 Polarity NPN
2N3485A SEMICOA-2N3485A Datasheet
45Kb / 2P
Type 2N3485A Geometry 0600 Polarity PNP
2N3500 SEMICOA-2N3500 Datasheet
45Kb / 2P
Type 2N3500 Geometry 5620 Polarity NPN
2N3507L SEMICOA-2N3507L Datasheet
45Kb / 2P
Type 2N3507L Geometry 1506 Polarity NPN
2N3960 SEMICOA-2N3960 Datasheet
43Kb / 2P
Type 2N3960 Geometry 0003 Polarity NPN
logo
New Jersey Semi-Conduct...
2N4999 NJSEMI-2N4999 Datasheet
151Kb / 1P
DISCRETE EMITTER GEOMETRY
logo
List of Unclassifed Man...
PLP5-2-250 ETC2-PLP5-2-250 Datasheet
398Kb / 1P
Dual-Lens Geometry
More results




About InterFET Corporation


InterFET Corporation is a semiconductor company that specializes in the design and manufacture of high-performance, precision, and low-noise analog transistors. They offer a wide range of products including JFETs (Junction Field-Effect Transistors), MOSFETs (Metal-Oxide-Semiconductor Field-Effect Transistors), and other specialized transistors.

InterFET serves a variety of industries, including aerospace, medical, military, and telecommunications. Their transistors are used in a variety of applications such as signal amplification, filtering, voltage regulation, and precision measurement.

The company was founded in 1981 and is headquartered in California, USA. They have a strong commitment to research and development, and are dedicated to providing high-quality and reliable products to their customers. In addition to their standard products, InterFET also provides customized solutions to meet specific customer requirements.

Overall, InterFET is a trusted and reliable supplier of high-performance analog transistors, with a strong reputation for quality and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com