Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX1686E Datasheet (PDF) - Microsemi Corporation

LX1686E Datasheet PDF - Microsemi Corporation
Part # LX1686E
Download  LX1686E Download
File Size   143.53 Kbytes
Page   8 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Digital Dimming CCFL Controller IC

LX1686E Datasheet (PDF)

Go To PDF Page Download Datasheet
LX1686E Datasheet PDF - Microsemi Corporation

Part # LX1686E
Download  LX1686E Click to download

File Size   143.53 Kbytes
Page   8 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Digital Dimming CCFL Controller IC

LX1686E Datasheet (HTML) - Microsemi Corporation


LX1686E Product details

DESCRIPTION
The LX1686E Backlight Controller IC provides all the control functions needed to implement Microsemi’s direct drive inverters used to operate cold cathode fluorescent lamps (CCFL’s). This IC can be used to control single or multiple-lamp configurations. CCFL’s are used for back or edge lighting of liquid crystal flat panel displays (LCD’s) and typically find application in notebook computers, web browsers, automotive and industrial instrumentation, and entertainment systems.

KEY FEATURES
◾ RangeMAX™ Wide Range Dimming (>100:1)
◾ Synchronizable to Display Video Frequency
◾ High Voltage Feedback Loop Directly Controls Maximum Open Lamp
◾ Micro-Amp Sleep Mode
◾ User Programmable Fixed Frequency Operation
◾ Under-Voltage Lockout Feature With Power-Up Reset
◾ Built-In Soft-Start Feature
◾ Operates With 3.3V or 5V power Supplies
◾ 100mA Output Drive Capability

APPLICATIONS
◾ Notebooks
◾ Instrumentation Display
◾ Desktop Computer Monitors
◾ Low Ambient Light Displays (used in Aircraft, Automobiles, and Hand-Held Equipment)

BENEFITS
◾ Extremely High Efficiency From 3.3V to 5V Power Supplies
◾ Lower Cost Than Conventional Buck / Royer Inverter Topologies
◾ Improved Lamp Strike Capability
◾ Improved Over-Voltage Control




Similar Part No. - LX1686E

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1686 MICROSEMI-LX1686 Datasheet
139Kb / 5P
Digital Dimming CCFL Controller IC
LX1686CPW MICROSEMI-LX1686CPW Datasheet
139Kb / 5P
Digital Dimming CCFL Controller IC
More results


Similar Description - LX1686E

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1686 MICROSEMI-LX1686 Datasheet
139Kb / 5P
Digital Dimming CCFL Controller IC
LXM1621-XX MICROSEMI-LXM1621-XX Datasheet
219Kb / 8P
DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXM1622-05-XX MICROSEMI-LXM1622-05-XX Datasheet
243Kb / 6P
DUAL 5W, DIGITAL DIMMING CCFL INVERTER MODULE
LXM1622-12-XX MICROSEMI-LXM1622-12-XX Datasheet
239Kb / 6P
DUAL 5W, DIGITAL DIMMING CCFL INVERTER MODULE
LXMG1611-01 MICROSEMI-LXMG1611-01 Datasheet
243Kb / 6P
Digital Dimming CCFL Inverter Module
LXMG1621-XX MICROSEMI-LXMG1621-XX Datasheet
307Kb / 10P
DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
logo
Princeton Technology Co...
PT5611 PTC-PT5611 Datasheet
338Kb / 4P
Dimming Ballast Controller IC
PT5631 PTC-PT5631 Datasheet
391Kb / 4P
Dimming Ballast Controller IC
PT5611 PTC-PT5611_10 Datasheet
338Kb / 4P
Dimming Ballast Controller IC
PT5631 PTC-PT5631_10 Datasheet
391Kb / 4P
Dimming Ballast Controller IC
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com