Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX1725 Datasheet (PDF) - Microsemi Corporation

LX1725 Datasheet PDF - Microsemi Corporation
Part # LX1725
Download  LX1725 Download
File Size   377.1 Kbytes
Page   23 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 15W15W Stereo Class-D Amplifier Filterless 30W Mono in BTL

LX1725 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX1725 Datasheet PDF - Microsemi Corporation

Part # LX1725
Download  LX1725 Click to download

File Size   377.1 Kbytes
Page   23 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 15W15W Stereo Class-D Amplifier Filterless 30W Mono in BTL

LX1725 Datasheet (HTML) - Microsemi Corporation




Similar Part No. - LX1725

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1720 MICROSEMI-LX1720 Datasheet
176Kb / 6P
SWITCHING CLASS-D, STEREO POWER AMPLIFIER CONTROLLER IC
LX1720-01CDB MICROSEMI-LX1720-01CDB Datasheet
176Kb / 6P
SWITCHING CLASS-D, STEREO POWER AMPLIFIER CONTROLLER IC
LX1721 MICROSEMI-LX1721 Datasheet
367Kb / 14P
Class-D Stereo Power Amplifier Controller
LX1721 MICROSEMI-LX1721 Datasheet
383Kb / 14P
Class-D Stereo Power Amplifier Controller
LX1721CDBTR MICROSEMI-LX1721CDBTR Datasheet
383Kb / 14P
Class-D Stereo Power Amplifier Controller
More results


Similar Description - LX1725

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9703 MAXIM-MAX9703 Datasheet
2Mb / 21P
10W Stereo/15W Mono, Filterless, Spread-Spectrum, Class D Amplifiers
Rev 7; 3/06
logo
STMicroelectronics
TDA7490L STMICROELECTRONICS-TDA7490L Datasheet
172Kb / 9P
15W 15W STEREO CLASS-D AMPLIFIER28W MONO IN BTL
Mar-2001
logo
Microsemi Corporation
LX1708 MICROSEMI-LX1708 Datasheet
961Kb / 18P
1515W Stereo Filterless Class-D Amplifier
logo
STMicroelectronics
TDA7490LSA STMICROELECTRONICS-TDA7490LSA Datasheet
188Kb / 13P
15W 15W Stereo Class-D Amplifier
24-Nov-2005
logo
Anpec Electronics Corop...
APA2614 ANPEC-APA2614 Datasheet
478Kb / 25P
15W Stereo Class-D Audio Power Amplifier
APA6003 ANPEC-APA6003 Datasheet
351Kb / 22P
15W Stereo Class D Audio Power Amplifier
APA2619 ANPEC-APA2619 Datasheet
423Kb / 23P
15W Stereo Class-D Audio Power Amplifier
APA2622 ANPEC-APA2622 Datasheet
1Mb / 30P
15W Stereo Class-D Audio Power Amplifier
logo
Lowpower Semiconductor ...
LPA2110 POWER-LPA2110 Datasheet
480Kb / 10P
Filterless 30W Class D Mono Audio Amplifier
logo
Maxim Integrated Produc...
MAX9703 MAXIM-MAX9703_V01 Datasheet
1Mb / 24P
10W Stereo/15W Mono, Filterless, Spread-Spectrum, Class D Amplifiers
19-3160; Rev 8; 5/14
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com