Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD8200A Datasheet (PDF) - Leadtrend Technology

LD8200A Datasheet PDF - Leadtrend Technology
Part # LD8200A
Download  LD8200A Download
File Size   657.89 Kbytes
Page   1 Pages
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology
Description USB Type-C Current Advertisement Controller

LD8200A Datasheet (PDF)

Go To PDF Page Download Datasheet
LD8200A Datasheet PDF - Leadtrend Technology

Part # LD8200A
Download  LD8200A Click to download

File Size   657.89 Kbytes
Page   1 Pages
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology
Description USB Type-C Current Advertisement Controller

LD8200A Datasheet (HTML) - Leadtrend Technology


LD8200A Product details

General Description
The LD8200A provides an uncomplicated solution
for USB type-C DFP host 3A Current advertisement. It
used the USB type-C ports with the configuration channel
(CC1 and CC2) to notice Type-C UFP device. Than the
device control external blocking MOSFET to determine a
successful attach of UFP device.
The LD8200A provide complete protections include
VCC over Voltage and external over temperature
protection. And LD8200A operates over a wide supply
range and has low power consumption. It available in the
SOT-26 package to minimize the PCB size well as
component counts.

Features
 USB type-C 3A current Advertisement
 Low Quiescent Current
 VCC Operation Range : 3.5V~20V
 External Blocking MOSFET Control
 VCC Over-Voltage Protection
 External Over Temperature Protection
 SOT-26 Package

Applications
 Mobile Phone Type-C Adaptor
 USB Type-C Charger




Similar Part No. - LD8200A

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD8200S LEADTREND-LD8200S Datasheet
563Kb / 12P
USB Type-C Current Advertisement Controller
LD8200SGL LEADTREND-LD8200SGL Datasheet
563Kb / 12P
USB Type-C Current Advertisement Controller
More results


Similar Description - LD8200A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CCG3PA CYPRESS-CCG3PA Datasheet
593Kb / 37P
USB Type-C Port Controller
CCG2 CYPRESS-CCG2 Datasheet
2Mb / 33P
USB Type-C Port Controller
CCG3 CYPRESS-CCG3 Datasheet
1,021Kb / 45P
USB Type-C Port Controller
CCG4 CYPRESS-CCG4 Datasheet
472Kb / 35P
USB Type-C Port Controller
logo
Rohm
BM92A50MWV-Z ROHM-BM92A50MWV-Z Datasheet
1Mb / 31P
USB Type-C Power Delivery Controller
BM92A56MWV-Z ROHM-BM92A56MWV-Z Datasheet
2Mb / 31P
USB Type-C Power Delivery Controller
logo
Leadtrend Technology
LD8200S LEADTREND-LD8200S Datasheet
563Kb / 12P
USB Type-C Current Advertisement Controller
logo
Prolific Technology Inc...
PL2887 PROLIFIC-PL2887 Datasheet
204Kb / 1P
USB Type-C Charging Controller
logo
Kinetic Technologies.
MCDP9000 KINETIC-MCDP9000 Datasheet
181Kb / 5P
USB Type-C Port Controller
June 2022 - Revision 04c
logo
Infineon Technologies A...
CYPD6125-40LQXIT INFINEON-CYPD6125-40LQXIT Datasheet
518Kb / 39P
USB Type-C Port Controller
July 26, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com