Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKS603P Datasheet (PDF) - Power Integrations, Inc.

PKS603P Datasheet PDF - Power Integrations, Inc.
Part # PKS603P
Download  PKS603P Download
File Size   1662.4 Kbytes
Page   24 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance

PKS603P Datasheet (PDF)

Go To PDF Page Download Datasheet
PKS603P Datasheet PDF - Power Integrations, Inc.

Part # PKS603P
Download  PKS603P Click to download

File Size   1662.4 Kbytes
Page   24 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance

PKS603P Datasheet (HTML) - Power Integrations, Inc.


PKS603P Product details

Description

PeakSwitchis designed to address applications with high peak to-continuous power ratio demands. The very high switching

frequency during peak power loads and excellent load transient response reduce system cost as well as component count and size.



Product Highlights

EcoSmart® – Extremely Energy-Efficient

•  Standby output power ≥0.6 W for 1 W input (high line)

•  Sleep mode power ≥2.4 W at 3 W input (high line)

•  No-load consumption <200 mW at 265 VAC input

•  Surpasses California Energy Commission (CEC), ENERGY STAR, and EU requirements



PeakSwitchFeatures Reduce System Cost

•  Delivers peak power of up to 3 times maximum continuous output power

•  277 kHz operation during peak power significantly reduces transformer size

•  Programmable smart AC line sensing provides latching shutdown during short circuit, overload and open loop faults and prevents power ON/OFF glitches during power down or brownout

•  Two external components reset latch on AC removal

•  Adaptive switching cycle on-time extension increases low line peak output power, minimizing bulk capacitor size

•  Adaptive current limit reduces output overload power

•  Frequency jittering reduces EMI filter cost

•  Tight I2f tolerances and negligible temperature variation of key parameters ease design and lower cost

•  Accurate hysteretic thermal shutdown with automatic recovery provides complete system level overload protection and eliminates need for manual reset



Better System Cost/Performance over RCC & Discrete

•  Simple ON/OFF control – no loop compensation needed

•  Very low component count – higher reliability and single side printed circuit board

•  High bandwidth provides fast turn on with no overshoot and excellent transient load response

•  Peak current limit operation rejects line frequency ripple

•  Built-in current limit and hysteretic thermal protection



Applications

•  Inkjet printer

•  Data storage, audio amplifier, DC motor drives




Similar Part No. - PKS603P

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
PKS603P FERYSTER-PKS603P Datasheet
1Mb / 24P
Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
logo
Power Integrations, Inc...
PKS603P POWERINT-PKS603P Datasheet
1Mb / 24P
PeakSwitch짰 Family Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
More results


Similar Description - PKS603P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
Enhanced, Energy Efficient, Low Power Off-line Switcher
LNK353 POWERINT-LNK353 Datasheet
859Kb / 16P
Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
Enhanced, Energy Efficient, Low Power Off-line Switcher
logo
FERYSTER Inductive Comp...
PKS603P FERYSTER-PKS603P Datasheet
1Mb / 24P
Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
logo
Power Integrations, Inc...
TNY375-380 POWERINT-TNY375-380 Datasheet
1Mb / 20P
Energy-Efficient, Off-Line Switcher With Enhanced Peak Power Performance
TNY380GN POWERINT-TNY380GN Datasheet
1Mb / 22P
Energy-Efficient, Off-Line Switcher With Enhanced Peak Power Performance
PKS606YN POWERINT-PKS606YN Datasheet
1Mb / 24P
PeakSwitch짰 Family Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
logo
List of Unclassifed Man...
TNY378GN ETC1-TNY378GN Datasheet
1Mb / 22P
Energy-Efficient, Off-Line Switcher With Enhanced Peak Power Performance
logo
Power Integrations, Inc...
PKS606PN POWERINT-PKS606PN Datasheet
1Mb / 24P
Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
LNK353 POWERINT-LNK353_V01 Datasheet
1,001Kb / 16P
Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
February 2005
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com