Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX8942 Datasheet (PDF) - Microsemi Corporation

LX8942 Datasheet PDF - Microsemi Corporation
Part # LX8942
Download  LX8942 Download
File Size   238.26 Kbytes
Page   8 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Low Dropout Dual Regulator

LX8942 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX8942 Datasheet PDF - Microsemi Corporation

Part # LX8942
Download  LX8942 Click to download

File Size   238.26 Kbytes
Page   8 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Low Dropout Dual Regulator

LX8942 Datasheet (HTML) - Microsemi Corporation


LX8942 Product details

DESCRIPTION
The Microsemi LX8942 is a dual 8.2V/5V positive voltage regulator. One output is a high current (up to 1000mA) regulator that can be turned on or off by a high impedance low current TTL compatible switch. The second or standby output remains on regardless. The on/off switch not only shuts off the high current output but actually puts the IC in a micropower mode, achieving low quiescent current. This unique characteristic coupled with an extremely low dropout, (0.55V for output current of 10mA) makes the LX8942 well suited for power systems that require standby memory.

KEY FEATURES
◾ 2% Internally Trimmed Output
◾ Two regulated outputs
◾ Output current in excess of 1000mA
◾ Low quiescent current standby regulator
◾ Drop-out Voltage, Input-output differential <0.6V at 0.5A
◾ Reverse battery protection
◾ 60V load dump protection
◾ -50V reverse transient protection
◾ Short circuit protection
◾ Internal thermal overload protection
◾ ON/OFF switch for high current output
◾ Surface Mount TO-252

APPLICATIONS
◾ Automotive electronics for controls, entertainment and safety functions
◾ Continuous operation systems




Similar Part No. - LX8942

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8940 MICROSEMI-LX8940 Datasheet
137Kb / 4P
5V LOW DROPOUT REGULATOR
LX8940 MICROSEMI-LX8940 Datasheet
211Kb / 6P
5V Low Dropout Regulator
LX8940CP MICROSEMI-LX8940CP Datasheet
137Kb / 4P
5V LOW DROPOUT REGULATOR
LX8940CP MICROSEMI-LX8940CP Datasheet
211Kb / 6P
5V Low Dropout Regulator
LX8940CP-TR MICROSEMI-LX8940CP-TR Datasheet
211Kb / 6P
5V Low Dropout Regulator
More results


Similar Description - LX8942

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG29055 MICROSEMI-SG29055 Datasheet
41Kb / 4P
LOW DROPOUT DUAL REGULATOR
SG29125 MICROSEMI-SG29125 Datasheet
41Kb / 4P
LOW DROPOUT DUAL REGULATOR
logo
Toshiba Semiconductor
TAR8D01K TOSHIBA-TAR8D01K Datasheet
170Kb / 8P
Dual Low-Dropout Regulator
TAR8D03K TOSHIBA-TAR8D03K Datasheet
169Kb / 8P
Dual Low-Dropout Regulator
TAR8D06K TOSHIBA-TAR8D06K Datasheet
162Kb / 7P
Dual Low-Dropout Regulator
TAR8D08K TOSHIBA-TAR8D08K Datasheet
170Kb / 8P
Dual Low-Dropout Regulator
TAR8H03K TOSHIBA-TAR8H03K Datasheet
170Kb / 8P
Dual Low-Dropout Regulator
TAR8H05K TOSHIBA-TAR8H05K Datasheet
170Kb / 8P
Dual Low-Dropout Regulator
TAR8H06K TOSHIBA-TAR8H06K Datasheet
170Kb / 8P
Dual Low-Dropout Regulator
logo
ON Semiconductor
CS8135 ONSEMI-CS8135 Datasheet
88Kb / 8P
Low Dropout Dual Regulator
December, 2001 - Rev. 3
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com