Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE-1+ Datasheet (PDF) - Mini-Circuits

ADE-1+ Datasheet PDF - Mini-Circuits
Part # ADE-1+
Download  ADE-1+ Download
File Size   231.07 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Frequency Mixer

ADE-1+ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADE-1+ Datasheet PDF - Mini-Circuits

Part # ADE-1+
Download  ADE-1+ Click to download

File Size   231.07 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Frequency Mixer

ADE-1+ Datasheet (HTML) - Mini-Circuits


ADE-1+ Product details

Surface Mount Frequency Mixer
Level 7 (LO Power +7 dBm) 0.5 to 500 MHz

Features
• low conversion loss, 5.0 dB typ.
• excellent L-R isolation, 55 dB typ.
• excellent IP3, 15 dBm typ.
• low profile package
• aqueous washable
• protected by US patent 6,133,525

Applications
• VHF/UHF




Similar Part No. - ADE-1+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-1 MINI-ADE-1 Datasheet
145Kb / 2P
Frequency Mixer
ADE-10H MINI-ADE-10H Datasheet
298Kb / 2P
Frequency Mixer
ADE-10H+ MINI-ADE-10H+ Datasheet
298Kb / 2P
Frequency Mixer
ADE-10MH MINI-ADE-10MH Datasheet
47Kb / 1P
Frequency Mixer
ADE-11X MINI-ADE-11X Datasheet
250Kb / 2P
Frequency Mixer
More results


Similar Description - ADE-1+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-10MH MINI-ADE-10MH Datasheet
47Kb / 1P
Frequency Mixer
HJK-20VH MINI-HJK-20VH Datasheet
193Kb / 2P
Frequency Mixer
MBA-9 MINI-MBA-9 Datasheet
60Kb / 1P
Frequency Mixer
ADE-92 MINI-ADE-92 Datasheet
608Kb / 3P
Frequency Mixer
ADE-92MH MINI-ADE-92MH Datasheet
465Kb / 3P
Frequency Mixer
VAY-1 MINI-VAY-1 Datasheet
213Kb / 2P
Frequency Mixer
ZAD-11H MINI-ZAD-11H Datasheet
288Kb / 2P
Frequency Mixer
ZFM-3H MINI-ZFM-3H Datasheet
261Kb / 2P
Frequency Mixer
ZFM-4 MINI-ZFM-4 Datasheet
264Kb / 2P
Frequency Mixer
ZMX-7GHR MINI-ZMX-7GHR Datasheet
309Kb / 2P
Frequency Mixer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com