Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNB-3081 Datasheet (PDF) - Agilent(Hewlett-Packard)

ADNB-3081 Datasheet PDF - Agilent(Hewlett-Packard)
Part # ADNB-3081
Download  ADNB-3081 Download
File Size   512.01 Kbytes
Page   40 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description High-performance Optical Mouse Sensor

ADNB-3081 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADNB-3081 Datasheet PDF - Agilent(Hewlett-Packard)

Part # ADNB-3081
Download  ADNB-3081 Click to download

File Size   512.01 Kbytes
Page   40 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description High-performance Optical Mouse Sensor

ADNB-3081 Datasheet (HTML) - Agilent(Hewlett-Packard)


ADNB-3081 Product details

Description
The ADNS-3080 is a high performance addition to Agilent’s popular ADNS family of optical mouse sensors.
The ADNS-3080 is based on a new, faster architecture with improved navigation. The sensor is capable of sensing high speed mouse motion - up to 40 inches per second and acceleration up to 15g – for increased user precision and smoothness.

Features
• High speed motion detection – up to 40 ips and 15g
• New architecture for greatly improved optical navigation technology
• Programmable frame rate over 6400 frames per second
• SmartSpeed self-adjusting frame rate for optimum performance
• Serial port burst mode for fast data transfer
• 400 or 1600 cpi selectable resolution
• Single 3.3 volt power supply
• Four-wire serial port along with Chip Select, Power Down, and Reset pins

Applications
• Mice for game consoles and computer games
• Mice for desktop PC’s, Workstations, and portable PC’s
• Trackballs
• Integrated input devices




Similar Part No. - ADNB-3081

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNB-3532 AVAGO-ADNB-3532 Datasheet
2Mb / 27P
Low Power LED Integrated Slim Mouse Sensor
ADNB-3552 AVAGO-ADNB-3552 Datasheet
619Kb / 28P
Low Power LED Integrated Slim Mouse Sensor
More results


Similar Description - ADNB-3081

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADNS-3060 HP-ADNS-3060 Datasheet
520Kb / 38P
High-performance Optical Mouse Sensor
logo
List of Unclassifed Man...
PAN301A ETC2-PAN301A Datasheet
812Kb / 24P
CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3080 AVAGO-ADNS-3080 Datasheet
841Kb / 39P
High-Performance Optical Mouse Sensor
ADNS-2051 AVAGO-ADNS-2051 Datasheet
588Kb / 40P
Optical Mouse Sensor
logo
Pixart Imaging Inc.
PAN301A PIXART-PAN301A Datasheet
886Kb / 24P
CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
PAN301BSI-208 PIXART-PAN301BSI-208 Datasheet
464Kb / 27P
CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
ADNS-3080 PIXART-ADNS-3080 Datasheet
637Kb / 38P
High-Performance Optical Mouse Sensor
ADNS-3090 PIXART-ADNS-3090 Datasheet
756Kb / 38P
High-Performance Optical Mouse Sensor
ADNS-3090 PIXART-ADNS-3090_17 Datasheet
676Kb / 8P
High-Performance Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3090 AVAGO-ADNS-3090 Datasheet
449Kb / 38P
High-Performance Optical Mouse Sensor
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com