Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA831A Datasheet (PDF) - ON Semiconductor

FSA831A Datasheet PDF - ON Semiconductor
Part # FSA831A
Download  FSA831A Download
File Size   184.25 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description FSA831A — USB2.0 High-Speed (480Mbps) Charger Detection with Isolation Switch

FSA831A Datasheet (PDF)

Go To PDF Page Download Datasheet
FSA831A Datasheet PDF - ON Semiconductor

Part # FSA831A
Download  FSA831A Click to download

File Size   184.25 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description FSA831A — USB2.0 High-Speed (480Mbps) Charger Detection with Isolation Switch

FSA831A Datasheet (HTML) - ON Semiconductor


FSA831A Product details

Description
The FSA831A is a charger-detection IC w ith an integrated
isolation sw itch for use w ith a micro/mini USB port. The
FSA831A detects battery chargers and is compliant w ith
USB Battery Charging Specification, Rev 1.2 (BC1.2). The
algorithm incorporates Data Contact Detection (DCD), w hich
ensures that the shorter, inner pins of the USB connector are
making contact prior to continuing w ith battery charger
detection. The device determines if a Dedicated Charging
Port (DCP), Charging Dow nstream Port (CDP), or a typical
PC host, called a Standard Dow nstream Port (SDP), is
connected. If a charger is detected, the FSA831A
determines w hether the charger is a DCP or CDP. For SDP
and CDP detection, an internal isolation sw itch is closed to
connect the D+/D- lines of the USB cable to the resident
USB transceiver w ithin the portable device. The FSA831A
conforms to all the constraints for the Dead Battery Provision
(DBP) w ithin the BC1.2 specification, including a 30-minute
timer that cannot exceed 45 minutes, per BC1.2.

Applications
 MP3, Mobile Internet Device (MID), Cell Phone, PDA,
Digital Camera, Notebook and Netbook




Similar Part No. - FSA831A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA831 FAIRCHILD-FSA831 Datasheet
306Kb / 3P
USB2.0 High-Speed (480Mbps) Charger Detection with Isolation Switch
FSA831L10X FAIRCHILD-FSA831L10X Datasheet
306Kb / 3P
USB2.0 High-Speed (480Mbps) Charger Detection with Isolation Switch
More results


Similar Description - FSA831A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB23 FAIRCHILD-FSUSB23_08 Datasheet
768Kb / 10P
High-Speed, USB2.0 (480Mbps) Switch
FSUSB45 FAIRCHILD-FSUSB45 Datasheet
444Kb / 2P
Hi-Speed USB2.0 (480Mbps) Switch with Dedicated Charger Port Detect
FSUSB46 FAIRCHILD-FSUSB46 Datasheet
448Kb / 2P
Hi-Speed USB2.0 (480Mbps) DPST Switch with Dedicated Charger Port Detection
FUSB1500 FAIRCHILD-FUSB1500 Datasheet
584Kb / 15P
USB2.0 Full-Speed / Low-Speed Transceiver with Charger Detection
FSA831 FAIRCHILD-FSA831 Datasheet
306Kb / 3P
USB2.0 High-Speed (480Mbps) Charger Detection with Isolation Switch
FSA832 FAIRCHILD-FSA832 Datasheet
768Kb / 3P
USB 2.0 High-Speed (480 Mbps) Charger Detection IC with Isolation Switch
logo
Protek Devices
PAM23LOPR42 PROTEC-PAM23LOPR42_15 Datasheet
295Kb / 6P
USB2.0(480MBPS)SWITCH
logo
Pericom Semiconductor C...
PI3USB42 PERICOM-PI3USB42 Datasheet
496Kb / 7P
USB2.0 High-Speed (480Mbps) Signal Switch With Vbus Short Protection
logo
MagnaChip Semiconductor...
MSI2001 MGCHIP-MSI2001 Datasheet
393Kb / 12P
USB2.0 High-Speed (480Mbps) Analog Switch
logo
ON Semiconductor
FSA832 ONSEMI-FSA832 Datasheet
397Kb / 11P
USB 2.0 High-Speed Charger Detection IC with Isolation Switch
August 2014 Rev. 1.0.1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com