Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9171 Datasheet (PDF) - Analog Devices

AD9171 Datasheet PDF - Analog Devices
Part # AD9171_V01
Download  AD9171 Download
File Size   3059.69 Kbytes
Page   134 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, 16-Bit, 6.2 GSPS RF DAC with Single Channelizer

AD9171 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9171 Datasheet PDF - Analog Devices

Part # AD9171_V01
Download  AD9171 Click to download

File Size   3059.69 Kbytes
Page   134 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, 16-Bit, 6.2 GSPS RF DAC with Single Channelizer

AD9171 Datasheet (HTML) - Analog Devices


AD9171 Product details

FEATURES
► Supports single-band wireless applications
► 1 complex data input channel per RF DAC
► 516 MSPS maximum complex input data rate per input channel
► 1 independent NCO per input channel
► Proprietary, low spurious and distortion design
► 2-tone IMD = −83 dBc at 1.8 GHz, −7 dBFS/tone RF output
► SFDR < −80 dBc at 1.8 GHz, −7 dBFS RF output
► Flexible 8-lane, 15.4 Gbps JESD204B interface
► Supports single-band use cases
► Supports 12-bit high density mode for increased data throughput
► Multiple chip synchronization
► Supports JESD204B Subclass 1
► Selectable interpolation filter for a complete set of input data
rates
► 2×, 3×, 4×, and 6× configurable data channel interpolation
► 6× and 8× configurable final interpolation
► Final 48-bit NCO that operates at the DAC rate to support
frequency synthesis up to 3.1 GHz
► Transmit enable function allows extra power saving and downstream
circuitry protection
► High performance, low noise PLL clock multiplier
► Supports 6.2 GSPS DAC update rate
► Observation ADC clock driver with selectable divide ratios
► Low power
► 1.45 W at 6 GSPS, single-channel mode
► 10 mm × 10 mm, 144-ball BGA_ED with metal enhanced thermal
lid, 0.80 mm pitch
APPLICATIONS
► Wireless communications infrastructure
► Single-band base station radios
► Instrumentation, automatic test equipment (ATE)




Similar Part No. - AD9171_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9171-FMC-EBZ AD-AD9171-FMC-EBZ Datasheet
2Mb / 133P
RF DAC with Single Channelizer
1/2018-Revision 0
AD9171BBPZ AD-AD9171BBPZ Datasheet
2Mb / 133P
RF DAC with Single Channelizer
1/2018-Revision 0
AD9171BBPZRL AD-AD9171BBPZRL Datasheet
2Mb / 133P
RF DAC with Single Channelizer
1/2018-Revision 0
More results


Similar Description - AD9171_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9171 AD-AD9171 Datasheet
2Mb / 133P
RF DAC with Single Channelizer
1/2018-Revision 0
AD9172 AD-AD9172 Datasheet
2Mb / 144P
Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
6/2017-Revision 0
AD9173 AD-AD9173 Datasheet
2Mb / 142P
Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
11/2017-Revision 0
AD9176 AD-AD9176 Datasheet
2Mb / 151P
Dual, 16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
11/2018-Revision 0
AD9174 AD-AD9174_V01 Datasheet
3Mb / 164P
Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
5/2019-Rev. 0 to Rev. A
AD9175 AD-AD9175 Datasheet
3Mb / 150P
Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
5/2019-Rev. 0 to Rev. A
AD9176 AD-AD9176_V01 Datasheet
2Mb / 151P
Dual, 16-Bit, 12.6 GSPS RF DAC
5/2019-Rev. 0 to Rev. A
AD9082 AD-AD9082 Datasheet
717Kb / 33P
MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
9/2020-Rev. 0 to Rev. A
AD9177 AD-AD9177 Datasheet
132Kb / 5P
Quad, 16-Bit, 12 GSPS RF DAC
AD9176S AD-AD9176S Datasheet
2Mb / 28P
Dual, 16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com