Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9175 Datasheet (PDF) - Analog Devices

AD9175 Datasheet PDF - Analog Devices
Part # AD9175
Download  AD9175 Download
File Size   2085.42 Kbytes
Page   150 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers

AD9175 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9175 Datasheet PDF - Analog Devices

Part # AD9175
Download  AD9175 Click to download

File Size   2085.42 Kbytes
Page   150 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers

AD9175 Datasheet (HTML) - Analog Devices


AD9175 Product details

FEATURES
Supports multiband wireless applications 3 bypassable, complex data input channels per RF DAC
3.08 GSPS maximum complex input data rate per input
channel, 11-bit resolution
1 independent NCO per input channel
Proprietary, low spurious and distortion design
2-tone IMD3 = −83 dBc at 1.84 GHz, −7 dBFS/tone RF output SFDR <−80 dBc at 1.84 GHz, −7 dBFS RF output
Flexible 8-lane, 15.4 Gbps JESD204B interface
Supports single-band and multiband use cases
Supports 12-bit high density mode for increased data
throughput
Multiple chip synchronization Supports JESD204B Subclass 1 Selectable interpolation filter for a complete set of input
data rates 1×, 2×, 3×, 4×, 6×, and 8× configurable data channel
interpolation
1×, 2×, 4×, 6×, 8×, and 12× configurable final interpolation
Final 48-bit NCO that operates at the DAC rate to support
frequency synthesis up to 6 GHz Transmit enable function allows extra power saving and
downstream circuitry protection
High performance, low noise PLL clock multiplier
Supports 12.6 GSPS DAC update rate Observation ADC clock driver with selectable divide ratios Low power
2.54 W with 2 DACs at 12 GSPS, DAC PLL on
10 mm × 10 mm, 144-ball BGA_ED with metal enhanced thermal lid, 0.80 mm pitch
APPLICATIONS
Wireless communications infrastructure Multiband base station radios
Microwave/E-band backhaul systems
Instrumentation, automatic test equipment (ATE)
Radars and jammers




Similar Part No. - AD9175

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9175 AD-AD9175 Datasheet
3Mb / 150P
Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
5/2019-Rev. 0 to Rev. A
AD9175-FMC-EBZ AD-AD9175-FMC-EBZ Datasheet
3Mb / 150P
Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
5/2019-Rev. 0 to Rev. A
AD9175BBPZ AD-AD9175BBPZ Datasheet
3Mb / 150P
Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
5/2019-Rev. 0 to Rev. A
AD9175BBPZRL AD-AD9175BBPZRL Datasheet
3Mb / 150P
Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
5/2019-Rev. 0 to Rev. A
More results


Similar Description - AD9175

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9172 AD-AD9172 Datasheet
2Mb / 144P
Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
6/2017-Revision 0
AD9173 AD-AD9173 Datasheet
2Mb / 142P
Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
11/2017-Revision 0
AD9174 AD-AD9174 Datasheet
2Mb / 163P
Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
11/2018-Revision 0
AD9176 AD-AD9176 Datasheet
2Mb / 151P
Dual, 16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
11/2018-Revision 0
AD9174 AD-AD9174_V01 Datasheet
3Mb / 164P
Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
5/2019-Rev. 0 to Rev. A
AD9175 AD-AD9175 Datasheet
3Mb / 150P
Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
5/2019-Rev. 0 to Rev. A
AD9176 AD-AD9176_V01 Datasheet
2Mb / 151P
Dual, 16-Bit, 12.6 GSPS RF DAC
5/2019-Rev. 0 to Rev. A
AD9082 AD-AD9082 Datasheet
717Kb / 33P
MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
9/2020-Rev. 0 to Rev. A
AD9177 AD-AD9177 Datasheet
132Kb / 5P
Quad, 16-Bit, 12 GSPS RF DAC
AD9176S AD-AD9176S Datasheet
2Mb / 28P
Dual, 16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com