Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN1300CCPZ Datasheet (PDF) - Analog Devices

ADIN1300CCPZ Datasheet PDF - Analog Devices
Part # ADIN1300CCPZ
Download  ADIN1300CCPZ Download
File Size   1822.87 Kbytes
Page   96 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY

ADIN1300CCPZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADIN1300CCPZ Datasheet PDF - Analog Devices

Part # ADIN1300CCPZ
Download  ADIN1300CCPZ Click to download

File Size   1822.87 Kbytes
Page   96 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Robust, Industrial, Low Latency and Low Power 10 Mbps, 100 Mbps, and 1 Gbps Ethernet PHY

ADIN1300CCPZ Datasheet (HTML) - Analog Devices


ADIN1300CCPZ Product details

FEATURES
► 10BASE-Te/100BASE-TX/1000BASE-T IEEE 802.3 compliant
► MII, RMII, and RGMII MAC interfaces
► 1000BASE-T RGMII latency transmit <68 ns, receive <226 ns
► 100BASE-TX MII latency transmit <52 ns, receive <248 ns
► Programmable RGMII timing delay and drive current
► Supports TSN
► EMC test standards
► IEC 61000-4-5 surge (±4 kV)
► IEC 61000-4-4 electrical fast transient (EFT) (±4 kV)
► IEC 61000-4-2 ESD (±6 kV contact discharge)
► IEC 61000-4-6 conducted immunity (10 V)
► EN55032 radiated and conducted emissions (Class A)
► Unmanaged configuration using multilevel pin strapping
► MDIO/MDC management interface and interrupt pin
► EEE in accordance with IEEE 802.3az
► Start of packet detection for IEEE 1588 time stamp support
► Enhanced link detection
► Voltage mode MDI drivers, eliminates termination resistors
► RJ45 MDI flip capability
► Automatic polarity and pair swap correction
► Cable diagnostics (TDR and signal analysis)
► Frame generator and checker, multiple loopback modes
► Configurable LED
► 25 MHz/125 MHz synchronous clock output
► Jumbo frame support up to 16 kB
► Small package and wide temperature range
► 40-lead, 6 mm × 6 mm LFCSP
► Specified for −40°C to +105°C ambient operation
► Low power consumption
► 330 mW for 1000BASE-T
► 140 mW for 100BASE-TX
► 3.3 V/2.5 V/1.8 V MAC interface VDDIO supply
► Integrated power supply monitoring and POR
APPLICATIONS
► Industrial automation
► Process control
► Factory automation




Similar Part No. - ADIN1300CCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIN1300CCPZ AD-ADIN1300CCPZ Datasheet
1Mb / 79P
Robust, Industrial, Low Latency and Low Power 10 Mbps
10/2019-Revision 0
ADIN1300CCPZ-R7 AD-ADIN1300CCPZ-R7 Datasheet
1Mb / 79P
Robust, Industrial, Low Latency and Low Power 10 Mbps
10/2019-Revision 0
More results


Similar Description - ADIN1300CCPZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3007 STMICROELECTRONICS-AN3007 Datasheet
418Kb / 20P
100 Mbps and Gigabit Ethernet protection
30-Mar-2010
logo
Texas Instruments
DP83822HF TI1-DP83822HF Datasheet
393Kb / 47P
Robust, Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
logo
Advantech Co., Ltd.
ADAM-6520-BE ADVANTECH-ADAM-6520-BE Datasheet
58Kb / 1P
5-port 10/100 Mbps Industrial Ethernet Switches
logo
Texas Instruments
DP83825I TI1-DP83825I Datasheet
861Kb / 78P
Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
DP83826E TI1-DP83826E Datasheet
2Mb / 112P
DP83826E Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
DP83826E TI1-DP83826E_V01 Datasheet
2Mb / 115P
DP83826 Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
logo
Analog Devices
ADIN1100 AD-ADIN1100 Datasheet
696Kb / 50P
Robust, Industrial, Low Power 10BASE-T1L Ethernet PHY
ADIN1110 AD-ADIN1110 Datasheet
1Mb / 104P
Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
10/2021-Revision 0
ADIN1300 AD-ADIN1300 Datasheet
1Mb / 79P
Robust, Industrial, Low Latency and Low Power 10 Mbps
10/2019-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com