Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIN2299 Datasheet (PDF) - Analog Devices

ADIN2299 Datasheet PDF - Analog Devices
Part # ADIN2299
Download  ADIN2299 Download
File Size   1094.86 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multiprotocol Two-Port Industrial Ethernet Platform: Module and Embedded Design Solutions with Precertified Protocols

ADIN2299 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADIN2299 Datasheet PDF - Analog Devices

Part # ADIN2299
Download  ADIN2299 Click to download

File Size   1094.86 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multiprotocol Two-Port Industrial Ethernet Platform: Module and Embedded Design Solutions with Precertified Protocols

ADIN2299 Datasheet (HTML) - Analog Devices


ADIN2299 Product details

FEATURES
► All protocols precertified
► PROFINET RT (Class B)
► PROFINET IRT (Class C)
► EtherNet/IP with DLR
► EtherCAT
► Modbus/TCP
► Configurable applications processor interface
► UART: 115,200 bps to 1,000,000 bps
► Ethernet at 10 Mbps or 100 Mbps
► SPI follower: 10 MHz maximum clock
► Industrial Ethernet interface-compliant to IEEE 802.3, 10Base or
100Base transmit half and full duplex
► Single 3.3 V power supply, 840 mW
► Cycle time down to 1 ms (cycle times vary based on protocol,
link type, and application data)
► 194-ball chip-scale package BGA form factor
► RoHS 3 compliant
► –40°C to +85°C industrial temperature range
APPLICATIONS
► Industrial and process automation
► Motion control
► Transportation
► Energy
► Building automation




Similar Part No. - ADIN2299

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIN2299 AD-ADIN2299 Datasheet
1Mb / 21P
RapID Platform Generation 2 (RPG2) Network Interface
Rev. 0
ADIN2299BBCZ AD-ADIN2299BBCZ Datasheet
1Mb / 21P
RapID Platform Generation 2 (RPG2) Network Interface
Rev. 0
ADIN2299BBCZ-RL AD-ADIN2299BBCZ-RL Datasheet
1Mb / 21P
RapID Platform Generation 2 (RPG2) Network Interface
Rev. 0
More results


Similar Description - ADIN2299

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68EN302 MOTOROLA-MC68EN302 Datasheet
223Kb / 8P
Integrated Multiprotocol Processor with Ethernet
logo
Freescale Semiconductor...
MC68EN302 FREESCALE-MC68EN302 Datasheet
559Kb / 8P
Integrated Multiprotocol Processor with Ethernet
logo
Axiomtek Co., Ltd.
AX93291 AXIOMTEK-AX93291 Datasheet
351Kb / 1P
ZIO module with two Gigabit Ethernet and two COM ports
logo
Turck, Inc.
TBEN-S2-4IOL TURCK-TBEN-S2-4IOL Datasheet
268Kb / 8P
Compact Multiprotocol I/O Module for Ethernet
logo
Microchip Technology
KSZ8842-PMQL MICROCHIP-KSZ8842-PMQL Datasheet
2Mb / 126P
Two-Port Ethernet Switch with PCI Interface
02/28/20
logo
Beckhoff Automation Gmb...
CX8190 BECKHOFF-CX8190 Datasheet
140Kb / 3P
Embedded PC with different Ethernet protocols
logo
Black Box Registered Tr...
PE-505 BLACKBOX-PE-505 Datasheet
8Mb / 19P
Pure Embedded 10/100 5 Port Industrial Ethernet Switch
SW-114 BLACKBOX-SW-114 Datasheet
1Mb / 4P
EMBEDDED INDUSTRIAL 4 PORT GIGABIT ETHERNET SWITCH
SW-115 BLACKBOX-SW-115 Datasheet
1Mb / 4P
EMBEDDED INDUSTRIAL 5 PORT GIGABIT ETHERNET SWITCH
SW-125 BLACKBOX-SW-125 Datasheet
1Mb / 4P
Embedded Industrial 5 Port PoE Ethernet Switch
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com