Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRV9006 Datasheet (PDF) - Analog Devices

ADRV9006 Datasheet PDF - Analog Devices
Part # ADRV9006
Download  ADRV9006 Download
File Size   9424.29 Kbytes
Page   83 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Narrow-Band and Wideband RF Transceiver

ADRV9006 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADRV9006 Datasheet PDF - Analog Devices

Part # ADRV9006
Download  ADRV9006 Click to download

File Size   9424.29 Kbytes
Page   83 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Narrow-Band and Wideband RF Transceiver

ADRV9006 Datasheet (HTML) - Analog Devices


ADRV9006 Product details

FEATURES
► 2 × 2 highly integrated transceiver
► Center frequency range of 30 MHz to 6000 MHz
► Transmitter and receiver bandwidth from 12 kHz to 40 MHz
► 2 fully integrated, fractional-N, RF synthesizers
► LVDS and CMOS synchronous serial data interface options
► Low power sleep modes
► Frequency hopping
► Fully programmable via a 4-wire SPI
► 12 mm × 12 mm, 196-ball CSP_BGA

APPLICATIONS
► Mission critical communications
► Very high frequency (VHF), ultrahigh frequency (UHF), and cellular to 6 GHz
► Time division duplexing (TDD) and frequency division duplexing
(FDD) applications

GENERAL DESCRIPTION
The ADRV9006 is a highly integrated RF transceiver that has
dual-channel transmitters, dual-channel receivers, integrated synthesizers, and digital signal processing functions.
The ADRV9006 is a high performance, highly linear, high dynamic
range transceiver designed for performance vs. power consumption
system optimization. The device is configurable and ideally suited
to demanding, low power, portable and battery powered equipment.
The ADRV9006 operates from 30 MHz to 6000 MHz and covers the
UHF, VHF, industrial, scientific, and medical (ISM) bands, and cellular frequency bands in narrow-band (kHz) and wideband operation
up to 40 MHz. The ADRV9006 is capable of both TDD and FDD
operation.

The transceiver consists of direct conversion signal paths with
state-of-the-art noise figure and linearity. Each complete receiver
and transmitter subsystem includes DC offset correction, quadrature error correction (QEC), and programmable digital filters, which
eliminate the need for these functions in the digital baseband. In addition, several auxiliary functions, such as auxiliary analog-to-digital
converters (ADCs), auxiliary digital-to-analog converters (DACs),
and general-purpose inputs/outputs (GPIOs), are integrated to provide additional monitoring and control capability.
The fully integrated phase-locked loops (PLLs) provide high performance, low power, fractional-N frequency synthesis for the transmitter, receiver, and clock sections. Careful design and layout techniques provide the isolation required in high performance personal
radio applications.
All voltage-controlled oscillator (VCO) and loop filter components
are integrated to minimize the external component count. The
local oscillators (LOs) have flexible configuration options including
various power modes.
The transceiver includes configurable power saving modes that extend battery life of portable devices by reducing power consumption
during periods of channel or device inactivity.
The ADRV9006 core can be powered directly from 1.0 V, 1.3
V, and 1.8 V regulators and is controlled via a standard 4-wire
serial peripheral interface (SPI). Other voltage supplies are used to
provide proper digital interface levels and to optimize the receiver,
transmitter, and auxiliary converter performance.
High data rate and low data rate interfaces are supported using
configurable CMOS or low voltage differential signaling (LVDS)
serial synchronous interface (SSI) choice.
The ADRV9006 is packaged in a 12 mm × 12 mm, 196-ball chip
scale package ball grid array (CSP_BGA).




Similar Part No. - ADRV9006

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRV9002 AD-ADRV9002 Datasheet
11Mb / 92P
Dual Narrow-Band and Wideband RF Transceiver
4/2021-Revision 0
ADRV9002 AD-ADRV9002 Datasheet
13Mb / 100P
Dual Narrow-Band and Wideband RF Transceiver
Rev. A
ADRV9002BBCZ AD-ADRV9002BBCZ Datasheet
11Mb / 92P
Dual Narrow-Band and Wideband RF Transceiver
4/2021-Revision 0
ADRV9002BBCZ AD-ADRV9002BBCZ Datasheet
13Mb / 100P
Dual Narrow-Band and Wideband RF Transceiver
Rev. A
ADRV9002BBCZ-RL AD-ADRV9002BBCZ-RL Datasheet
11Mb / 92P
Dual Narrow-Band and Wideband RF Transceiver
4/2021-Revision 0
More results


Similar Description - ADRV9006

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WP-RF-RF650 ETC1-WP-RF-RF650 Datasheet
183Kb / 8P
Narrow Band Radio Transceiver
logo
rfsolutions.ltd
X2010 RFSOLUTIONS-X2010 Datasheet
65Kb / 6P
FM Narrow Band Transceiver Modules
logo
List of Unclassifed Man...
EN300220-3 ETC2-EN300220-3 Datasheet
286Kb / 15P
VHF Narrow Band FM transceiver
logo
Radiometrix Ltd
BIM1 RADIOMETRIX-BIM1 Datasheet
286Kb / 15P
VHF Narrow Band FM transceiver
NIM2-XXX.XXX-10 RADIOMETRIX-NIM2-XXX.XXX-10 Datasheet
224Kb / 11P
UHF Narrow Band Transceiver
NTR2 RADIOMETRIX-NTR2 Datasheet
407Kb / 10P
UHF Narrow Band FM Transceiver
NIM2 RADIOMETRIX-NIM2 Datasheet
577Kb / 11P
UHF Narrow Band FM Transceiver
logo
Analog Devices
ADRV9004 AD-ADRV9004 Datasheet
11Mb / 92P
Dual Narrow-Band and Wideband RF Transceiver
5/2021-Revision 0
ADRV9002 AD-ADRV9002 Datasheet
11Mb / 92P
Dual Narrow-Band and Wideband RF Transceiver
4/2021-Revision 0
ADRV9003 AD-ADRV9003 Datasheet
2Mb / 36P
Narrow/Wideband RF Transceiver
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com