Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1084577 Datasheet (PDF) - PHOENIX CONTACT

1084577 Datasheet PDF - PHOENIX CONTACT
Part # 1084577
Download  1084577 Download
File Size   324.1 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CAC-CDDC1016513/D - Assembled PCB connectors

1084577 Datasheet (PDF)

Go To PDF Page Download Datasheet
1084577 Datasheet PDF - PHOENIX CONTACT

Part # 1084577
Download  1084577 Click to download

File Size   324.1 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CAC-CDDC1016513/D - Assembled PCB connectors

1084577 Datasheet (HTML) - PHOENIX CONTACT


1084577 Product details

Assembled PCB connector / Connecting cable with 2 printed circuit board connectors, rated
current: 8 A, cable length: Free input (0.1 ... 3.0 m), Head 1: 3-position , pitch: 3.5 mm , Crimp
connection , Color: black, Cable type:Individual litz wire, PVC, 20 AWG, black, Head 2: 3-
position, pitch: 3.5 mm , Crimp connection , Color: black, Cable type:Individual litz wire, PVC,
18 AWG, black, Individual litz wire, PVC, 20 AWG, black

Your advantages
• Simple and safe: 100% electrically tested and assembled ready for use
• SKEDD direct plug-in technology enables flexible positioning on the PCB
• Reduced component and process costs: simple insertion by hand and vibration-resistant connection
• Contacts arranged in a double row enable high packing density in a compact area
• Approval in accordance with UL standard “Wiring Harness Traceability Program”




Similar Part No. - 1084577

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
108457030001025 AVX-108457030001025 Datasheet
362Kb / 12P
Male Style 1/2 B
108457030001026 AVX-108457030001026 Datasheet
362Kb / 12P
Male Style 1/2 B
108457030001049 AVX-108457030001049 Datasheet
362Kb / 12P
Male Style 1/2 B
108457030001050 AVX-108457030001050 Datasheet
362Kb / 12P
Male Style 1/2 B
108457030002025 AVX-108457030002025 Datasheet
362Kb / 12P
Male Style 1/2 B
More results


Similar Description - 1084577

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCSDMSS09S DUBILIER-DBCSDMSS09S Datasheet
165Kb / 1P
D TYPE CONNECTORS LOW COST D CONNECTORS - PCB SOLDER PIN STRAIGHT
logo
CW Industries
CWR-141-10-0000 CWIND-CWR-141-10-0000 Datasheet
132Kb / 4P
PCB Connectors
logo
PHOENIX CONTACT
1792863 PHOENIX-1792863 Datasheet
163Kb / 2P
PCB CONNECTORS
logo
Glenair, Inc.
240-031 GLENAIR-240-031 Datasheet
180Kb / 5P
PCB Micro-D Filter Connectors
240-034 GLENAIR-240-034 Datasheet
216Kb / 4P
PCB Micro-D Filter Connectors
logo
Precid-Dip Durtal SA
315-87-105-41-003101 PREDIP-315-87-105-41-003101 Datasheet
21Kb / 3P
PCB CONNECTORS
411-87-272-41-001101 PREDIP-411-87-272-41-001101 Datasheet
23Kb / 3P
PCB CONNECTORS
801-87-003-10-001101 PREDIP-801-87-003-10-001101 Datasheet
23Kb / 3P
PCB CONNECTORS
851-87-003-40-252101 PREDIP-851-87-003-40-252101 Datasheet
20Kb / 3P
PCB CONNECTORS
logo
IOGEAR
GSR202 IOGEAR-GSR202 Datasheet
155Kb / 3P
USB CAC Reader (TAA compliant)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com