Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1750151 Datasheet (PDF) - PHOENIX CONTACT

1750151 Datasheet PDF - PHOENIX CONTACT
Part # 1750151
Download  1750151 Download
File Size   457.53 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCDNV 1,5/ 7-G1-3,81 P14THR - PCB header

1750151 Datasheet (PDF)

Go To PDF Page Download Datasheet
1750151 Datasheet PDF - PHOENIX CONTACT

Part # 1750151
Download  1750151 Click to download

File Size   457.53 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCDNV 1,5/ 7-G1-3,81 P14THR - PCB header

1750151 Datasheet (HTML) - PHOENIX CONTACT


1750151 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, contact connection type: Pin, number of potentials: 14,
number of rows: 2, number of positions: 7, number of connections: 14, product range: MCDNV
1,5/..-G1-THR, pitch: 3.81 mm, mounting: THR soldering / wave soldering, pin layout: Linear
pinning, solder pin [P]: 1.4 mm, number of solder pins per potential: 1, plug-in system:
COMBICON MC 1,5, Pin connector pattern alignment: Standard, locking: without, mounting:
without, type of packaging: packed in cardboard, The pin length is 1.4 mm. User information and
design recommendations on Through Hole Reflow Technology can be found at: Downloads".

Your advantages
• Designed for integration into the SMT soldering process
• Vertical connection enables multi-row arrangement on the PCB
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1750151

ManufacturerPart #DatasheetDescription
logo
Aven, Inc.
17501 AVEN-17501 Datasheet
668Kb / 1P
Soldering/Desoldering Kit - 6pc
logo
Theben AG
1750100 THEBEN-1750100 Datasheet
543Kb / 3P
Time and light control Digital time switches
07/04/2025
logo
PHOENIX CONTACT
1750106 PHOENIX-1750106 Datasheet
487Kb / 12P
MCDNV 1,5/ 2-G1-3,81 P14THR - PCB header
logo
List of Unclassifed Man...
1750110B1 ETC2-1750110B1 Datasheet
67Kb / 2P
CORDSET - NORTH AMERICAN DETACHABLE POWER SUPPLY CORD
logo
PHOENIX CONTACT
1750119 PHOENIX-1750119 Datasheet
472Kb / 11P
MCDNV 1,5/ 3-G1-3,81 P14THR - PCB header
More results


Similar Description - 1750151

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1749340 PHOENIX-1749340 Datasheet
137Kb / 7P
Feed-through header - MCDN 1,5/ 3-G1-3,81 P14THR
1750164 PHOENIX-1750164 Datasheet
137Kb / 7P
Feed-through header - MCDNV 1,5/ 8-G1-3,81 P14THR
09/12/2020
1952791 PHOENIX-1952791 Datasheet
566Kb / 12P
PCB header - MCDNV 1,5/ 3-G1-3,5 P26THR
Jan 3, 2023
1952814 PHOENIX-1952814 Datasheet
566Kb / 12P
PCB header - MCDNV 1,5/ 5-G1-3,5 P26THR
Jan 4, 2023
1954074 PHOENIX-1954074 Datasheet
504Kb / 12P
MCDN 1,5/16-G1-3,5 P14THR - PCB header
1953127 PHOENIX-1953127 Datasheet
564Kb / 12P
MCDNV 1,5/13-G1-3,5 P14THR - PCB header
1953978 PHOENIX-1953978 Datasheet
492Kb / 12P
MCDN 1,5/ 8-G1-3,5 P14THR - PCB header
1952458 PHOENIX-1952458 Datasheet
479Kb / 11P
MCDNV 1,5/ 2-G1-3,5 RNP26THR - PCB header
1952827 PHOENIX-1952827 Datasheet
553Kb / 12P
MCDNV 1,5/ 6-G1-3,5 P26THR - PCB header
1952720 PHOENIX-1952720 Datasheet
468Kb / 11P
MCDNV 1,5/15-G1-3,5 RNP26THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com