Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1750436 Datasheet (PDF) - PHOENIX CONTACT

1750436 Datasheet PDF - PHOENIX CONTACT
Part # 1750436
Download  1750436 Download
File Size   486.83 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCDNV 1,5/16-G1-3,81 P26THR - PCB header

1750436 Datasheet (PDF)

Go To PDF Page Download Datasheet
1750436 Datasheet PDF - PHOENIX CONTACT

Part # 1750436
Download  1750436 Click to download

File Size   486.83 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCDNV 1,5/16-G1-3,81 P26THR - PCB header

1750436 Datasheet (HTML) - PHOENIX CONTACT


1750436 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, contact connection type: Pin, number of potentials: 32,
number of rows: 2, number of positions: 16, number of connections: 32, product range: MCDNV
1,5/..-G1-THR, pitch: 3.81 mm, mounting: THR soldering / wave soldering, pin layout: Linear
pinning, solder pin [P]: 2.6 mm, number of solder pins per potential: 1, plug-in system:
COMBICON MC 1,5, Pin connector pattern alignment: Standard, locking: without, mounting:
without, type of packaging: packed in cardboard, The pin length is 26 mm. User information and
design recommendations on Through Hole Reflow Technology can be found at: http:
"Downloads".

Your advantages
• Designed for integration into the SMT soldering process
• Vertical connection enables multi-row arrangement on the PCB
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1750436

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
175043 FESTO-175043 Datasheet
96Kb / 1P
One-way flow control valve
More results


Similar Description - 1750436

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1750407 PHOENIX-1750407 Datasheet
147Kb / 8P
Printed-circuit board connector - MCDNV 1,5/13-G1-3,81 P26THR
1750164 PHOENIX-1750164 Datasheet
137Kb / 7P
Feed-through header - MCDNV 1,5/ 8-G1-3,81 P14THR
09/12/2020
1952791 PHOENIX-1952791 Datasheet
566Kb / 12P
PCB header - MCDNV 1,5/ 3-G1-3,5 P26THR
Jan 3, 2023
1952814 PHOENIX-1952814 Datasheet
566Kb / 12P
PCB header - MCDNV 1,5/ 5-G1-3,5 P26THR
Jan 4, 2023
1749560 PHOENIX-1749560 Datasheet
496Kb / 12P
PCB header - MCDN 1,5/ 6-G1-3,81 P26THR
1749557 PHOENIX-1749557 Datasheet
494Kb / 12P
MCDN 1,5/ 5-G1-3,81 P26THR - PCB header
1535194 PHOENIX-1535194 Datasheet
309Kb / 8P
DMC 1,5/16-G1-3,5-LR P26THR - PCB header
1749586 PHOENIX-1749586 Datasheet
493Kb / 12P
MCDN 1,5/ 8-G1-3,81 P26THR - PCB header
1952458 PHOENIX-1952458 Datasheet
479Kb / 11P
MCDNV 1,5/ 2-G1-3,5 RNP26THR - PCB header
1952827 PHOENIX-1952827 Datasheet
553Kb / 12P
MCDNV 1,5/ 6-G1-3,5 P26THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com