Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1826499 Datasheet (PDF) - PHOENIX CONTACT

1826499 Datasheet PDF - PHOENIX CONTACT
Part # 1826499
Download  1826499 Download
File Size   400.41 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCDN 1,5/ 9-G1-3,5 P26THR R56 - PCB header

1826499 Datasheet (PDF)

Go To PDF Page Download Datasheet
1826499 Datasheet PDF - PHOENIX CONTACT

Part # 1826499
Download  1826499 Click to download

File Size   400.41 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCDN 1,5/ 9-G1-3,5 P26THR R56 - PCB header

1826499 Datasheet (HTML) - PHOENIX CONTACT


1826499 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, contact connection type: Pin, number of potentials: 18,
number of rows: 2, number of positions: 9, number of connections: 18, product range: MCDN
1,5/..-G1-THR, pitch: 3.5 mm, mounting: THR soldering / wave soldering, pin layout: Linear
pinning, solder pin [P]: 2.6 mm, number of solder pins per potential: 1, plug-in system:
COMBICON MC 1,5, Pin connector pattern alignment: Standard, locking: without, mounting:
without, type of packaging: 56 mm wide tape

Your advantages
• Designed for integration into the SMT soldering process
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Conductor connection on several levels enables higher contact density




Similar Part No. - 1826499

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1826490 PHOENIX-1826490 Datasheet
62Kb / 2P
MSTBV 2,5/12-G-5,08 PIN 13,9
More results


Similar Description - 1826499

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1953729 PHOENIX-1953729 Datasheet
152Kb / 7P
Feed-through header - MCDN 1,5/ 3-G1-3,5 P26THR
1953774 PHOENIX-1953774 Datasheet
146Kb / 7P
Feed-through header - MCDN 1,5/ 8-G1-3,5 P26THR
1953790 PHOENIX-1953790 Datasheet
146Kb / 7P
Feed-through header - MCDN 1,5/10-G1-3,5 P26THR
1953884 PHOENIX-1953884 Datasheet
136Kb / 7P
Feed-through header - MCDN 1,5/19-G1-3,5 P26THR
1953839 PHOENIX-1953839 Datasheet
136Kb / 7P
Feed-through header - MCDN 1,5/14-G1-3,5 P26THR
1953868 PHOENIX-1953868 Datasheet
136Kb / 7P
Feed-through header - MCDN 1,5/17-G1-3,5 P26THR
1953871 PHOENIX-1953871 Datasheet
136Kb / 7P
Feed-through header - MCDN 1,5/18-G1-3,5 P26THR
1953787 PHOENIX-1953787 Datasheet
136Kb / 7P
Feed-through header - MCDN 1,5/ 9-G1-3,5 P26THR
1713987 PHOENIX-1713987 Datasheet
95Kb / 3P
MCDN 1,5/ 2-G1-3,5 P26THR R24
11/04/2018
1953813 PHOENIX-1953813 Datasheet
135Kb / 7P
Feed-through header - MCDN 1,5/12-G1-3,5 P26THR
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com