Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7546 Datasheet (PDF) - Microchip Technology

VSC7546 Datasheet PDF - Microchip Technology
Part # VSC7546
Download  VSC7546 Download
File Size   5436.98 Kbytes
Page   561 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description SparX-5 Family of L2/L3 Enterprise 10G Ethernet Switches

VSC7546 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC7546 Datasheet PDF - Microchip Technology

Part # VSC7546
Download  VSC7546 Click to download

File Size   5436.98 Kbytes
Page   561 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description SparX-5 Family of L2/L3 Enterprise 10G Ethernet Switches

VSC7546 Datasheet (HTML) - Microchip Technology


VSC7546 Product details

Introduction
The SparX-5 Enterprise Ethernet switch family provides a rich set of Enterprise switching features such as
advanced TCAM-based VLAN and QoS processing enabling delivery of differentiated services, and security
through TCAM-based frame processing using versatile content aware processor (VCAP). IPv4/IPv6 Layer 3 (L3)
unicast and multicast routing is supported with up to 18K IPv4/9K IPv6 unicast LPM entries and up to 9K IPv4/3K
IPv6 (S,G) multicast groups. L3 security features include source guard and reverse path forwarding (uRPF) tasks.
Additional L3 features include VRF-Lite and IP tunnels (IP over GRE/IP).
The SparX-5 switch family features a highly flexible set of Ethernet ports with support for 10G aggregation links,
QSGMII, USGMII, and USXGMII.
The device integrates a powerful 1 GHz dual-core ARM®
Cortex®
-A53 CPU enabling full management of the
switch and advanced Enterprise applications.
The SparX-5 switch family targets managed Layer 2 and Layer 3 equipment in SMB, SME, and Enterprise where
high port count 1G/2.5G/5G/10G switching with 10G aggregation links is required.
The SparX-5 switch family consists of following SKUs.
VSC7546 SparX-5-64 supports up to 64 Gbps of bandwidth with the following primary port configurations.
• 6 ×10G
• 16 × 2.5G + 2 × 10G
• 24 × 1G + 4 × 10G
VSC7549 SparX-5-90 supports up to 90 Gbps of bandwidth with the following primary port configurations.
• 9 × 10G
• 16 × 2.5G + 4 × 10G
• 48 × 1G + 4 × 10G
In addition, the device supports one 10/100/1000/2500/5000 Mbps SGMII/SerDes node processor interface
(NPI) Ethernet port.

Features
This section lists the key device features and benefits.
• Layer 2 and Layer 3 Forwarding
– IEEE®
802.1Q switch with 4K VLANs and 32K MAC table entries
– Push/pop/translate up to three VLAN tags on ingress and egress
– RSTP and MSTP support
– Fully nonblocking wire-speed switching performance for all frame sizes
– Link aggregation and DRNI per IEEE 802.1AX
– External bridge port extender role per IEEE 802.1BR
– IPv4/IPv6 unicast and multicast Layer 2 switching with up to 32K groups and 2K port masks
– IPv4/IPv6 unicast and multicast Layer 3 forwarding (routing) with reverse path forwarding (RPF) support
– IGMPv2, IGMPv3, MLDv1, and MLDv2 support
– IPv4 tunnels including GRE, 6to4, 6rd, 6over4, ISATAP, and 6in4
– Energy Efficient Ethernet (EEE) (IEEE 802.3az)
• Quality of Service
– Four megabytes of integrated shared packet memory
– Two megabytes of integrated shared packet memory
– Eight QoS classes with a pool of up to 32K queues
– TCAM-based classification with pattern matching against Layer 2 through Layer 4 information
– Dual-rate policers selected by VCAP IS2, eight dual-rate priority policers per port, and four single-rate
port policers for each port
– Flexible 4K ingress QoS mappings and 8K egress QoS mappings for VLAN tags and DSCP values
– 4K egress VLAN tag operations
– Low latency cut-through forwarding mode
– Priority-based flow control (PFC) (IEEE 802.1Qbb)
• Security
– Versatile content aware processor (VCAP™) packet filtering engine using ACLs for ingress and egress
packet inspection with four ingress lookups per frame and two egress lookups per egress frame copy
– Hierarchical VLAN ACLs and router ACLs
– Storm controllers for flooded broadcast, flooded multicast, and flooded unicast traffic
– Per-port, per-address registration for copying/redirecting/discarding
– 64 single-rate policers for ingress ACLs
– 64 single-rate policers for egress ACLs
• Management
– VCore-IV™ CPU system with integrated dual-core 1 GHz ARM Cortex-A53 CPU with MMU and DDR3/DDR4
SDRAM controller
– Integrated ARM Cortex-M3 CPU core for dedicated PCIe bootup and POE management.
– PCIe 1.x/2.0/3.0 CPU interface
– CPU frame extraction (eight queues) and injection (two queues) through DMA, which enables efficient
data transfer between Ethernet ports and CPU/PCIe
– JTAG CPU debug interface
– Configurable 32-bit data plus 8-bit ECC-capable DDR3/DDR4 SDRAM interface supporting up to eight
gigabytes (GB) of memory
– eMMC flash interface
– Sixty-four pin-shared general-purpose I/Os:
• Serial GPIO and two LED controllers controlling up to 32 ports with four LEDs each
• Triple PHY management controller (MIIM)
• Dual UART
• Dual built-in two wire serial interface multiplexer
• External interrupts
• SFP loss of signal inputs
– External access to registers through PCIe, SPI, MIIM, or through an Ethernet port with inline versatile
register access protocol (VRAP)
– Per-port counter set with support for the RMON statistics group (RFC 2819) and SNMP interfaces group
(RFC 2863)
– Support for CPU modes with internal CPU only, external CPU only, or dual CPU
• Applications
– Enterprise L2 managed and L2/L3 (L3-Lite) managed
– Enterprise edge
– WiFi aggregation
– High-end SMB/net café
– Embedded and control plane switches
– Security appliances
– Base stations and baseband processor interconnect
– Service provider CPEs




Similar Part No. - VSC7546

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
VSC7511 MICROSEMI-VSC7511 Datasheet
4Mb / 324P
4-Port Layer-2 Gigabit Ethernet Switch
VSC7511XMY MICROSEMI-VSC7511XMY Datasheet
4Mb / 324P
4-Port Layer-2 Gigabit Ethernet Switch
logo
Microchip Technology
VSC7552 MICROCHIP-VSC7552 Datasheet
5Mb / 565P
SparX-5 Family of L2/L3 Enterprise 25G Ethernet Switches
More results


Similar Description - VSC7546

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7385 VITESSE-VSC7385 Datasheet
396Kb / 2P
SparX-G5 - 5-port Integrated Gigabit Ethernet Switch
VSC7442 VITESSE-VSC7442 Datasheet
306Kb / 2P
52-Port L2/L3 Enterprise and Industrial Ethernet Switch
VSC7444 VITESSE-VSC7444 Datasheet
341Kb / 2P
26-Port L2/L3 Enterprise Gigabit Ethernet Switch
VSC7448 VITESSE-VSC7448 Datasheet
361Kb / 2P
52-Port L2/L3 Enterprise Gigabit Ethernet Switch
logo
Microsemi Corporation
VSC7442-02 MICROSEMI-VSC7442-02 Datasheet
4Mb / 520P
Family of L2/L3 Enterprise Gigabit Ethernet Switches with 10 Gbps Links
VSC7449-01 MICROSEMI-VSC7449-01 Datasheet
304Kb / 2P
52-Port L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
VSC7438-02 MICROSEMI-VSC7438-02 Datasheet
9Mb / 603P
Family of Carrier Ethernet Switches
VSC7440 MICROSEMI-VSC7440 Datasheet
6Mb / 444P
L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
logo
Microchip Technology
SPARX-5 MICROCHIP-SPARX-5 Datasheet
4Mb / 604P
SparX-5 Family of L2/L3 Enterprise 10G Ethernet Switches
2021
logo
NHP Electrical Engineer...
1769-BA NHP-1769-BA Datasheet
508Kb / 1P
COMPACTLOGIX L2/L3 REPLACEMENT BATTERY
8 June 2023,
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com