Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NIF9N05CL Datasheet (PDF) - ON Semiconductor

NIF9N05CL Datasheet PDF - ON Semiconductor
Part # NIF9N05CL_V01
Download  NIF9N05CL Download
File Size   195.58 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Protected Power MOSFET 2.6 A, 52 V, N−Channel, Logic Level, Clamped MOSFET w/ ESD Protection in a SOT−223 Package

NIF9N05CL Datasheet (PDF)

Go To PDF Page Download Datasheet
NIF9N05CL Datasheet PDF - ON Semiconductor

Part # NIF9N05CL_V01
Download  NIF9N05CL Click to download

File Size   195.58 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Protected Power MOSFET 2.6 A, 52 V, N−Channel, Logic Level, Clamped MOSFET w/ ESD Protection in a SOT−223 Package

NIF9N05CL Datasheet (HTML) - ON Semiconductor


NIF9N05CL Product details

Benefits
• High Energy Capability for Inductive Loads
• Low Switching Noise Generation
Features
• Diode Clamp Between Gate and Source
• ESD Protection − HBM 5000 V
• Active Over−Voltage Gate to Drain Clamp
• Scalable to Lower or Higher RDS(on)
• Internal Series Gate Resistance
• Pb−Free Packages are Available
Applications
• Automotive and Industrial Markets:
Solenoid Drivers, Lamp Drivers, Small Motor Drivers




Similar Part No. - NIF9N05CL_V01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIF9N05CLT1 ONSEMI-NIF9N05CLT1 Datasheet
66Kb / 6P
PROTECTED POWER MOSFET
July, 2004 ??Rev. 3
NIF9N05CLT1 ONSEMI-NIF9N05CLT1 Datasheet
72Kb / 6P
Protected Power MOSFET
May, 2006 ??Rev. 5
NIF9N05CLT1G ONSEMI-NIF9N05CLT1G Datasheet
72Kb / 6P
Protected Power MOSFET
May, 2006 ??Rev. 5
logo
VBsemi Electronics Co.,...
NIF9N05CLT1G VBSEMI-NIF9N05CLT1G Datasheet
1,010Kb / 8P
N-Channel 60-V (D-S) MOSFET
logo
ON Semiconductor
NIF9N05CLT3 ONSEMI-NIF9N05CLT3 Datasheet
66Kb / 6P
PROTECTED POWER MOSFET
July, 2004 ??Rev. 3
More results


Similar Description - NIF9N05CL_V01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTF3055L108 ONSEMI-NTF3055L108 Datasheet
80Kb / 6P
Power MOSFET 3.0 A, 60 V, Logic Level, N?묬hannel SOT??23
December, 2005 ??Rev. 4
NCV8440 ONSEMI-NCV8440 Datasheet
154Kb / 8P
Protected Power MOSFET 2.6 A, 52 V, N?묬hannel, Logic Level, Clamped MOSFET w/ ESD Protection
December, 2009 ??Rev. 5
logo
NXP Semiconductors
PSMN2R5-60PL NXP-PSMN2R5-60PL Datasheet
261Kb / 13P
N-channel 60 V, 2.6 m廓 logic level MOSFET in SOT78
7 February 2013
logo
ON Semiconductor
NVF3055L108T1G ONSEMI-NVF3055L108T1G Datasheet
117Kb / 6P
Power MOSFET 3.0 A, 60 V, Logic Level, N?묬hannel SOT??23
October, 2011 ??Rev. 6
NCV8440ASTT1G ONSEMI-NCV8440ASTT1G Datasheet
126Kb / 9P
Protected Power MOSFET 2.6 A, 52 V, N?묬hannel, Logic Level, Clamped MOSFET w/ ESD Protection
November, 2011 ??Rev. 6
NID9N05ACLT4G ONSEMI-NID9N05ACLT4G Datasheet
123Kb / 7P
9.0 A, 52 V, N?묬hannel, Logic Level, Clamped MOSFET w/ESD Protection in a DPAK Package
December, 2013 ??Rev. 10
logo
NXP Semiconductors
PSMN2R5-60PL PHILIPS-PSMN2R5-60PL_15 Datasheet
261Kb / 13P
N-channel 60 V, 2.6 m廓 logic level MOSFET in SOT78
27 February 2013
logo
STMicroelectronics
STN1NK60ZL STMICROELECTRONICS-STN1NK60ZL Datasheet
707Kb / 12P
N-channel 600 V, 10.4 typ., 0.44 A SuperMESH™ Power MOSFET in a SOT-223 package
December 2016 Rev 2
logo
ON Semiconductor
NTF6P02 ONSEMI-NTF6P02_V01 Datasheet
212Kb / 8P
MOSFET – Power, P-Channel, SOT-223 -10 A, -20 V
May, 2019 - Rev. 7
logo
Nexperia B.V. All right...
PSMN2R5-60PL NEXPERIA-PSMN2R5-60PL Datasheet
731Kb / 13P
N-channel 60 V, 2.6 mΩ logic level MOSFET in SOT78
27 February 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com