Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2A Datasheet (PDF) - ON Semiconductor

S2A Datasheet PDF - ON Semiconductor
Part # S2A
Download  S2A Download
File Size   249.89 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description General-Purpose Rectifiers (Glass Passivated)

S2A Datasheet (PDF)

Go To PDF Page Download Datasheet
S2A Datasheet PDF - ON Semiconductor

Part # S2A
Download  S2A Click to download

File Size   249.89 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description General-Purpose Rectifiers (Glass Passivated)

S2A Datasheet (HTML) - ON Semiconductor


S2A Product details

Description
The S2 family of devices are general−purpose 2 A rated rectifiers
with voltage ratings ranging from 50 to 1000 V. They are implemented
in traditional SMB packages and are well known to the industry. For
advanced or special requirements, please contact an onsemi
representative.
Features
• High−Current Capability, 2 A Rated
• Fast Response: 2 s Trr
• Low−Forward Voltage Drop, 1.15 V VF Max at 2 A
• High−Surge Current Capability, 50 A2s IFSM
• Glass Passivated Junction
• UL Certified, UL #E258596
• NRV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant
Applications
• Power Supplies
• AC to DC Rectification
• Bypass Diodes




Similar Part No. - S2A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S2A PANJIT-S2A Datasheet
58Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Surge Components
S2A SURGE-S2A Datasheet
85Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 2.0 Ampere????
logo
Transys Electronics
S2A TRSYS-S2A Datasheet
176Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Won-Top Electronics
S2A WTE-S2A Datasheet
41Kb / 3P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Jinan Gude Electronic D...
S2A JGD-S2A Datasheet
150Kb / 2P
1.5 AMPS. SURFACE MOUNT RECTIFIERS
More results


Similar Description - S2A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
NS8AT EIC-NS8AT Datasheet
52Kb / 2P
Glass Passivated General Purpose
logo
Fairchild Semiconductor
GF1A FAIRCHILD-GF1A_01 Datasheet
49Kb / 3P
General Purpose Rectifiers (Glass Passivated)
logo
Shenzhen Taychipst Elec...
1N4001G TAYCHIPST-1N4001G Datasheet
1Mb / 2P
GLASS PASSIVATED GENERAL PURPOSE RECTIFIERS
6A05G TAYCHIPST-6A05G Datasheet
1Mb / 2P
GLASS PASSIVATED GENERAL PURPOSE RECTIFIERS
BY251G TAYCHIPST-BY251G Datasheet
1Mb / 2P
GLASS PASSIVATED GENERAL PURPOSE RECTIFIERS
RL201G TAYCHIPST-RL201G Datasheet
1Mb / 2P
GLASS PASSIVATED GENERAL PURPOSE RECTIFIERS
logo
Fairchild Semiconductor
S2A FAIRCHILD-S2A_11 Datasheet
121Kb / 3P
General Purpose Rectifiers (Glass Passivated)
logo
Central Semiconductor C...
CPR4-020 CENTRAL-CPR4-020_15 Datasheet
77Kb / 2P
GLASS PASSIVATED GENERAL PURPOSE RECTIFIER
logo
Gaomi Xinghe Electronic...
1N4001G GXELECTRONICS-1N4001G Datasheet
419Kb / 2P
GLASS PASSIVATED GENERAL PURPOSE RECTIFIERS
logo
ON Semiconductor
S2A ONSEMI-S2A Datasheet
251Kb / 5P
General-Purpose Rectifiers (Glass Passivated)
April, 2020 ??Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com