Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAP7101 Datasheet (PDF) - MagnaChip Semiconductor.

MAP7101 Datasheet PDF - MagnaChip Semiconductor.
Part # MAP7101
Download  MAP7101 Download
File Size   1391.57 Kbytes
Page   15 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Synchronous Boost Converter with Isolation FET

MAP7101 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAP7101 Datasheet PDF - MagnaChip Semiconductor.

Part # MAP7101
Download  MAP7101 Click to download

File Size   1391.57 Kbytes
Page   15 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description Synchronous Boost Converter with Isolation FET

MAP7101 Datasheet (HTML) - MagnaChip Semiconductor.


MAP7101 Product details

General Description
The MAP7101 is a 1.2MHz current mode step up
regulator with built-in power switching MOSFET and
isolation FET.
The MAP7101 step up regulator provides fast transient
response to pulsed loads while producing efficiencies
over 90%. A built-in programmable soft-start function
limits inrush currents during start-up.
MAP7101 provides over load protection, over current
protection, output over voltage protection, thermal
shutdown, and under voltage lockout.
MAP7101 is available 10-pin DFN Package with
Halogen-free (fully RoHS compliant).

Features
 Up to 90% efficiency synchronous boost
 2.7V to 5.5V input voltage range
 20V internal switch FET
 Integrated synchronous FET & isolation FET
 Fixed 1.2MHz Switching Frequency
 Programmable Soft Start
 Over Current Protection
 Over Load Protection with Isolation FET
 Over Voltage Protection
 Output Load Discharge Path After Shutdown
 Thermal shutdown
 UVLO
 DFN-10L Package with Halogen-free

Applications
 SSD Power System
 OLED Power Supply




Similar Part No. - MAP7101

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MAP7102 MGCHIP-MAP7102 Datasheet
1Mb / 17P
Dual Output LCD Bias IC
MAP7102WCRH MGCHIP-MAP7102WCRH Datasheet
1Mb / 17P
Dual Output LCD Bias IC
MAP7103 MGCHIP-MAP7103 Datasheet
617Kb / 9P
3A, High Voltage Boost Converter
MAP7103DFRH MGCHIP-MAP7103DFRH Datasheet
617Kb / 9P
3A, High Voltage Boost Converter
More results


Similar Description - MAP7101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61090 TI-TPS61090 Datasheet
457Kb / 19P
SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
TPS61090RSAR TI1-TPS61090RSAR Datasheet
1Mb / 25P
SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
logo
Analog Microelectronics
AME5176 AME-AME5176 Datasheet
481Kb / 15P
Synchronous Boost Converter
AME5177 AME-AME5177 Datasheet
485Kb / 14P
Synchronous Boost Converter
logo
Texas Instruments
LM3554 TI1-LM3554_16 Datasheet
4Mb / 47P
Synchronous Boost Converter
LM3555 TI1-LM3555 Datasheet
1Mb / 38P
Synchronous Boost Converter
LM3561 TI1-LM3561_13 Datasheet
3Mb / 37P
Synchronous Boost Converter
logo
Rohm
BD8152FVM ROHM-BD8152FVM_14 Datasheet
1Mb / 27P
Boost Converter with Integrated FET
logo
Shenzhen Huazhimei Semi...
HM5178 HMSEMI-HM5178 Datasheet
631Kb / 9P
SYNCHRONOUS BOOST CONVERTER
logo
Richtek Technology Corp...
RT4841 RICHTEK-RT4841 Datasheet
337Kb / 16P
5A Synchronous Boost Converter with Output Isolation MOS
Features
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com