Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBQ40T65FDSC Datasheet (PDF) - MagnaChip Semiconductor.

MBQ40T65FDSC Datasheet PDF - MagnaChip Semiconductor.
Part # MBQ40T65FDSC
Download  MBQ40T65FDSC Download
File Size   1597.1 Kbytes
Page   9 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description 650V Field Stop IGBT

MBQ40T65FDSC Datasheet (PDF)

Go To PDF Page Download Datasheet
MBQ40T65FDSC Datasheet PDF - MagnaChip Semiconductor.

Part # MBQ40T65FDSC
Download  MBQ40T65FDSC Click to download

File Size   1597.1 Kbytes
Page   9 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description 650V Field Stop IGBT

MBQ40T65FDSC Datasheet (HTML) - MagnaChip Semiconductor.


MBQ40T65FDSC Product details

General Description
This IGBT is produced using advanced MagnaChip’s Field
Stop Trench IGBT Technology, which provides high switching
series and excellent quality.
This device is for PFC, UPS & Inverter applications.

Features
 High Speed Switching & Low Power Loss
 V = 1.95V @ I = 40A
 E = 0.35mJ @ T = 25°C
 High Input Impedance
 t = 80ns (typ.) @di /dt = 1000A/ μs
 Maximum junction temperature 175°C

Applications
 PFC
 UPS
 PV Inverter
 Welder
 IH Cooker




Similar Part No. - MBQ40T65FDSC

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MBQ40T65FESC MGCHIP-MBQ40T65FESC Datasheet
1Mb / 8P
650V Field Stop IGBT
MBQ40T65FESCTH MGCHIP-MBQ40T65FESCTH Datasheet
1Mb / 8P
650V Field Stop IGBT
More results


Similar Description - MBQ40T65FDSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH40N65UFD FAIRCHILD-FGH40N65UFD Datasheet
729Kb / 9P
650V, 40A Field Stop IGBT
FGH75T65UPD FAIRCHILD-FGH75T65UPD Datasheet
922Kb / 10P
650V, 75A Field Stop Trench IGBT
logo
Rohm
RGT30NS65D ROHM-RGT30NS65D Datasheet
789Kb / 12P
650V 15A Field Stop Trench IGBT
RGT40NS65D ROHM-RGT40NS65D Datasheet
845Kb / 12P
650V 20A Field Stop Trench IGBT
RGT40TS65D ROHM-RGT40TS65D Datasheet
733Kb / 12P
650V 20A Field Stop Trench IGBT
logo
MagnaChip Semiconductor...
MBQ40T65FESC MGCHIP-MBQ40T65FESC Datasheet
1Mb / 8P
650V Field Stop IGBT
MBQ50T65FESC MGCHIP-MBQ50T65FESC Datasheet
1Mb / 8P
650V Field Stop IGBT
logo
Rohm
RGS00TS65D ROHM-RGS00TS65D Datasheet
976Kb / 13P
650V 50A Field Stop Trench IGBT
logo
MagnaChip Semiconductor...
MBF15T65PEH MGCHIP-MBF15T65PEH Datasheet
649Kb / 8P
650V Field Stop IGBT
logo
Rohm
RGWX5TS65 ROHM-RGWX5TS65 Datasheet
977Kb / 10P
650V 75A Field Stop Trench IGBT
2019.12 - Rev.A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com