Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBW100T120PHF Datasheet (PDF) - MagnaChip Semiconductor.

MBW100T120PHF Datasheet PDF - MagnaChip Semiconductor.
Part # MBW100T120PHF
Download  MBW100T120PHF Download
File Size   374.5 Kbytes
Page   4 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description 1200V Field stop High Ruggedness version IGBT Data sheet

MBW100T120PHF Datasheet (PDF)

Go To PDF Page Download Datasheet
MBW100T120PHF Datasheet PDF - MagnaChip Semiconductor.

Part # MBW100T120PHF
Download  MBW100T120PHF Click to download

File Size   374.5 Kbytes
Page   4 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description 1200V Field stop High Ruggedness version IGBT Data sheet

MBW100T120PHF Datasheet (HTML) - MagnaChip Semiconductor.


MBW100T120PHF Product details

General Descriptions
This IGBT is produced using advanced Magnachip’s Field
Stop Trench IGBT Technology, which provides low VCE(SAT),
high switching performance and excellent quality.

Features
 1200V Trench + Field stop technology
 Low switching losses
 Positive temperature coefficient
 High Input Impedance

Applications
 High power & High Ruggedness drives
 Motor driver




Similar Part No. - MBW100T120PHF

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
MBWW-FSC DOMINANT-MBWW-FSC Datasheet
1Mb / 15P
Super high brightness surface mount LED
MBWW-FSC DOMINANT-MBWW-FSC Datasheet
1Mb / 16P
PrimaxPlus
MBWW-FSC-6V6W-1 DOMINANT-MBWW-FSC-6V6W-1 Datasheet
1Mb / 16P
PrimaxPlus
MBWW-FSC-9U8V-1 DOMINANT-MBWW-FSC-9U8V-1 Datasheet
1Mb / 16P
PrimaxPlus
MBWW-FSC DOMINANT-MBWW-FSC_17 Datasheet
1Mb / 16P
PrimaxPlus
More results


Similar Description - MBW100T120PHF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA25N120FTD FAIRCHILD-FGA25N120FTD Datasheet
815Kb / 9P
1200V, 25A Field Stop Trench IGBT
FGA15N120FTD FAIRCHILD-FGA15N120FTD Datasheet
738Kb / 9P
1200V, 15A Field Stop Trench IGBT
logo
SemiHow Co.,Ltd.
HIH30N120TF SEMIHOW-HIH30N120TF Datasheet
892Kb / 8P
1200V Field Stop Trench IGBT
HIL40N120TF SEMIHOW-HIL40N120TF Datasheet
909Kb / 8P
1200V Field Stop Trench IGBT
HIL40N120VF SEMIHOW-HIL40N120VF Datasheet
851Kb / 8P
1200V Field Stop Trench IGBT
logo
Shenzhen Huazhimei Semi...
HM10N120T HMSEMI-HM10N120T Datasheet
1Mb / 8P
1200V /10A Trench Field Stop IGBT
HM15N120FT HMSEMI-HM15N120FT Datasheet
1Mb / 8P
1200V /15A Trench Field Stop IGBT
logo
Rohm
RGS30TSX2D ROHM-RGS30TSX2D Datasheet
1Mb / 12P
1200V 15A Field Stop Trench IGBT
RGS50TSX2 ROHM-RGS50TSX2 Datasheet
994Kb / 11P
1200V 25A Field Stop Trench IGBT
RGS80TSX2 ROHM-RGS80TSX2 Datasheet
926Kb / 10P
1200V 40A Field Stop Trench IGBT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com