Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMF60R360RZ Datasheet (PDF) - MagnaChip Semiconductor.

MMF60R360RZ Datasheet PDF - MagnaChip Semiconductor.
Part # MMF60R360RZ
Download  MMF60R360RZ Download
File Size   767.48 Kbytes
Page   10 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description 600V 0.36Ω N-channel MOSFET

MMF60R360RZ Datasheet (PDF)

Go To PDF Page Download Datasheet
MMF60R360RZ Datasheet PDF - MagnaChip Semiconductor.

Part # MMF60R360RZ
Download  MMF60R360RZ Click to download

File Size   767.48 Kbytes
Page   10 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description 600V 0.36Ω N-channel MOSFET

MMF60R360RZ Datasheet (HTML) - MagnaChip Semiconductor.


MMF60R360RZ Product details

 Description
MMF60R360RZ is power MOSFET using Magnachip’s advanced super junction technology that
can realize very low on-resistance and gate charge. This device combines improvement of switching
speed with effective switching behavior. And it also will provide much high efficiency by using
optimized charge coupling technology. These user friendly devices give an advantage of Low EMI to
designers as well as low switching loss.

 Features
 Low Power Loss by High Speed Switching and Low On-Resistance
 Excellent ESD robustness
 100% Avalanche Tested
 Green Package-Pb Free Plating, Halogen Free
 Zener-Integrated

 Applications
 PFC Power Supply Stages
 Switching Applications
 Adapter
 DC-DC Converters




Similar Part No. - MMF60R360RZ

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MMF60R360P MGCHIP-MMF60R360P Datasheet
1Mb / 10P
600V 0.36(ohm) N-channel MOSFET
logo
Inchange Semiconductor ...
MMF60R360P ISC-MMF60R360P Datasheet
264Kb / 2P
isc N-Channel MOSFET Transistor
logo
MagnaChip Semiconductor...
MMF60R360PTH MGCHIP-MMF60R360PTH Datasheet
1Mb / 10P
600V 0.36(ohm) N-channel MOSFET
logo
Inchange Semiconductor ...
MMF60R360PTH ISC-MMF60R360PTH Datasheet
322Kb / 2P
isc N-Channel MOSFET Transistor
logo
MagnaChip Semiconductor...
MMF60R360Q MGCHIP-MMF60R360Q Datasheet
1Mb / 10P
600V 0.36(ohm) N-channel MOSFET
More results


Similar Description - MMF60R360RZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF12N60 FAIRCHILD-FQAF12N60 Datasheet
539Kb / 8P
600V N-Channel MOSFET
FQB12N60 FAIRCHILD-FQB12N60 Datasheet
540Kb / 9P
600V N-Channel MOSFET
FQB1N60 FAIRCHILD-FQB1N60 Datasheet
545Kb / 9P
600V N-Channel MOSFET
FQD3N60 FAIRCHILD-FQD3N60 Datasheet
575Kb / 9P
600V N-Channel MOSFET
FQP12N60 FAIRCHILD-FQP12N60 Datasheet
532Kb / 8P
600V N-Channel MOSFET
FQP6N60 FAIRCHILD-FQP6N60 Datasheet
536Kb / 8P
600V N-Channel MOSFET
FQP7N60 FAIRCHILD-FQP7N60 Datasheet
581Kb / 8P
600V N-Channel MOSFET
FQPF12N60 FAIRCHILD-FQPF12N60 Datasheet
549Kb / 8P
600V N-Channel MOSFET
FQPF3N60 FAIRCHILD-FQPF3N60 Datasheet
557Kb / 8P
600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
600V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com