Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABM10 Datasheet (PDF) - Abracon Corporation

ABM10 Datasheet PDF - Abracon Corporation
Part # ABM10
Download  ABM10 Download
File Size   666.23 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description CERAMIC SMD ULTRA MINIATURE QUARTZ CRYSTAL

ABM10 Datasheet (PDF)

Go To PDF Page Download Datasheet
ABM10 Datasheet PDF - Abracon Corporation

Part # ABM10
Download  ABM10 Click to download

File Size   666.23 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description CERAMIC SMD ULTRA MINIATURE QUARTZ CRYSTAL

ABM10 Datasheet (HTML) - Abracon Corporation


ABM10 Product details

FEATURES:
• 2.5 x 2.0 x 0.5mm ultra miniature package
• Suitable for RoHS reflow profile
• Tight stability available ±10ppm over -10 to +60ºC
• Seam sealed ceramic package assures high precision and reliability

APPLICATIONS:
• Blue-tooth, Wireless applications
• High density applications
• Computers, Modems, Microprocessors
• PCMCIA
• Communication, Test equipment
• Portable radios and MP3 players




Similar Part No. - ABM10

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM10 ABRACON-ABM10 Datasheet
1Mb / 2P
CERAMIC SMD ULTRA MINIATURE QUARTZ CRYSTAL
2008
ABM10-165-38.400MHZ-T3 ABRACON-ABM10-165-38.400MHZ-T3 Datasheet
1Mb / 2P
Ultra Miniature Ceramic SMD Crystal
ABM10-166-12.000MHZ ABRACON-ABM10-166-12.000MHZ Datasheet
547Kb / 3P
IoT OPTIMIZED LOW PROFILE QUARTZ CRYSTAL
06/21/2016
ABM10-167-12.000MHZ ABRACON-ABM10-167-12.000MHZ Datasheet
546Kb / 3P
IoT OPTIMIZED LOW PROFILE QUARTZ CRYSTAL
06/21/2016
ABM10-18.432MHZ-D30-T3 ABRACON-ABM10-18.432MHZ-D30-T3 Datasheet
1Mb / 2P
CERAMIC SMD ULTRA MINIATURE QUARTZ CRYSTAL
2008
More results


Similar Description - ABM10

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM8L ABRACON-ABM8L Datasheet
699Kb / 2P
CERAMIC SMD ULTRA MINIATURE CONTOUR MODE QUARTZ CRYSTAL
5.01.07
ABM11 ABRACON-ABM11 Datasheet
263Kb / 1P
CERAMIC SMD ULTRA MINIATURE QUARTZ CRYSTAL
logo
Crystek Corporation
CSX3 CRYSTEKCRYSTAL-CSX3 Datasheet
120Kb / 1P
Quartz Crystal 3.2X5 mm Ultra Miniature SMD Crystal
logo
Fox Electronics
24000FM FOX-24000FM Datasheet
84Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
logo
Abracon Corporation
ABM11 ABRACON-ABM11_08 Datasheet
164Kb / 2P
CERAMIC SMD ULTRA MINIATURE QUARTZ CRYSTAL
Revised A: 03.11.08
ABM3C ABRACON-ABM3C_11 Datasheet
1Mb / 2P
CERAMIC SMD ULTRA MINIATURE QUARTZ CRYSTAL
02.26.11
ABM8-20000MHZ-B2-T ABRACON-ABM8-20000MHZ-B2-T Datasheet
1Mb / 2P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
03.07.12
ABM8 ABRACON-ABM8_15 Datasheet
1Mb / 2P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
08.19.15
ABM11 ABRACON-ABM11_15 Datasheet
1Mb / 2P
CERAMICS SMD ULTRA MINIATURE QUARTZ CRYSTAL
06.19.15
ABM13 ABRACON-ABM13 Datasheet
6Mb / 3P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com