Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS1403 Datasheet (PDF) - Advanced Power Technology

MS1403 Datasheet PDF - Advanced Power Technology
Part # MS1403
Download  MS1403 Download
File Size   91.31 Kbytes
Page   3 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description RF AND MICROWAVE TRANSISTORS VHF PORTABLE/MOBILE APPLICATIONS

MS1403 Datasheet (PDF)

Go To PDF Page Download Datasheet
MS1403 Datasheet PDF - Advanced Power Technology

Part # MS1403
Download  MS1403 Click to download

File Size   91.31 Kbytes
Page   3 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description RF AND MICROWAVE TRANSISTORS VHF PORTABLE/MOBILE APPLICATIONS

MS1403 Datasheet (HTML) - Advanced Power Technology


MS1403 Product details

DESCRIPTION:
The MS1403 is a 7.5 V epitaxial silicon NPN planar transistor designed primarily for VHF communications. It withstands very high VSWR under rated operating conditions.

Features
• 175 MHz
• 7.5 Volts
• Common Emitter
• POUT = 1.4 W Min.
• GP = 7.0 dB Gain




Similar Part No. - MS1403

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MS1403 MICROSEMI-MS1403 Datasheet
176Kb / 4P
RF & MICROWAVE TRANSISTORS
More results


Similar Description - MS1403

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1134-05 STMICROELECTRONICS-SD1134-05 Datasheet
50Kb / 3P
RF & MICROWAVE TRANSISTORS VHF PORTABLE/MOBILE APPLICATIONS
Oct-1992
SD1135-03 STMICROELECTRONICS-SD1135-03 Datasheet
68Kb / 3P
RF & MICROWAVE TRANSISTORS VHF PORTABLE/MOBILE APPLICATIONS
Oct-1992
SD1274 STMICROELECTRONICS-SD1274 Datasheet
57Kb / 4P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
Jun-1993
SD1275 STMICROELECTRONICS-SD1275 Datasheet
56Kb / 4P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
Jun-1993
logo
Advanced Power Technolo...
MS1506 ADPOW-MS1506 Datasheet
88Kb / 3P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
SD1014-06 ADPOW-SD1014-06 Datasheet
119Kb / 4P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
MS1337 ADPOW-MS1337 Datasheet
108Kb / 3P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
MS1401 ADPOW-MS1401 Datasheet
91Kb / 3P
RF AND MICROWAVE TRANSISTORS VHF PORTABLE/MOBILE APPLICATIONS
MS1504 ADPOW-MS1504 Datasheet
97Kb / 3P
RF AND MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
SD1143 ADPOW-SD1143 Datasheet
117Kb / 4P
RF AND MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
More results




About Advanced Power Technology


Advanced Power Technology (APT) is a semiconductor company that designs, manufactures and sells power MOSFETs and IGBTs (Insulated Gate Bipolar Transistors). The company was founded in 1986 and is headquartered in Bend, Oregon, USA.

APT's products are used in a wide range of applications, including automotive, industrial, communications, and consumer electronics. The company offers a wide range of MOSFETs and IGBTs with different voltage and current ratings, package options and other features to meet the specific needs of its customers.

APT is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. APT also offers custom design and engineering services to meet the specific needs of its customers.

APT has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power MOSFETs and IGBTs that meet the evolving needs of the electronics industry. In 2000, APT was acquired by Microsemi Corporation, which later became part of Microchip Technology Inc.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com