Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AONS66617 Datasheet (PDF) - Alpha & Omega Semiconductors

AONS66617 Datasheet PDF - Alpha & Omega Semiconductors
Part # AONS66617
Download  AONS66617 Download
File Size   452.63 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 60V N-Channel AlphaSGT TM

AONS66617 Datasheet (PDF)

Go To PDF Page Download Datasheet
AONS66617 Datasheet PDF - Alpha & Omega Semiconductors

Part # AONS66617
Download  AONS66617 Click to download

File Size   452.63 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 60V N-Channel AlphaSGT TM

AONS66617 Datasheet (HTML) - Alpha & Omega Semiconductors


AONS66617 Product details

General Description
• AlphaSGTTM N-Channel Power MOSFET
• MSL1 Rated 260°C reflow
• 175°C Junction temperature
• Enhanced Body Diode performacne
• RoHS 2.0 and Halogen-Free Compliant

Applications
• Motor Driver
• Battery Management Systems (BMS)
• Synchronous Rectification in DC/DC and AC/DC
Converters




Similar Part No. - AONS66617

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AONS66612 AOSMD-AONS66612 Datasheet
382Kb / 6P
60V N-Channel AlphaSGT TM
Rev.2.1: April 2023
More results


Similar Description - AONS66617

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4262E AOSMD-AO4262E Datasheet
388Kb / 5P
60V N-Channel AlphaSGT
AO4266E AOSMD-AO4266E Datasheet
383Kb / 5P
60V N-Channel AlphaSGT
AON6162 AOSMD-AON6162 Datasheet
336Kb / 6P
60V N-Channel AlphaSGT
AON6262E AOSMD-AON6262E Datasheet
334Kb / 6P
60V N-Channel AlphaSGT
AON6264E AOSMD-AON6264E Datasheet
347Kb / 6P
60V N-Channel AlphaSGT
AON6266E AOSMD-AON6266E Datasheet
357Kb / 6P
60V N-Channel AlphaSGT
AON6268 AOSMD-AON6268 Datasheet
336Kb / 6P
60V N-Channel AlphaSGT
AONS66641 AOSMD-AONS66641 Datasheet
436Kb / 6P
60V N-Channel AlphaSGT TM
Rev.1.0: January 2022
AON7264C AOSMD-AON7264C Datasheet
773Kb / 6P
60V N-Channel AlphaSGT TM
Rev.1.0: September 2021
AONS62614T AOSMD-AONS62614T Datasheet
384Kb / 6P
60V N-Channel AlphaSGT TM
Rev.2.0: May 2022
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com