Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOT15B65M3 Datasheet (PDF) - Alpha & Omega Semiconductors

AOT15B65M3 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOT15B65M3
Download  AOT15B65M3 Download
File Size   558.6 Kbytes
Page   9 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 650V, 15A Alpha IGBT TM With soft and fast recovery anti-parallel diode

AOT15B65M3 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOT15B65M3 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOT15B65M3
Download  AOT15B65M3 Click to download

File Size   558.6 Kbytes
Page   9 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 650V, 15A Alpha IGBT TM With soft and fast recovery anti-parallel diode

AOT15B65M3 Datasheet (HTML) - Alpha & Omega Semiconductors


AOT15B65M3 Product details

General Description
• Latest AlphaIGBT (αIGBT) Technology
• 650V Breakdown voltage
• Very fast and soft recovery freewheeling diode
• High efficient Turn-On di/dt controllability
• Low VCE(sat) enables high efficiencies
• Low Turn-Off switching loss and softness
• Very good EMI behavior
• High short-circuit ruggedness

Applications
• Motor drives
• Sewing machines
• Home appliances
• Fan, Pumps, Vacuum cleaner
• Other hard switching applications




Similar Part No. - AOT15B65M3

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT15B65MQ1 AOSMD-AOT15B65MQ1 Datasheet
589Kb / 8P
650V, 15A AlphaIGBTTM With Soft and Fast Recovery Anti-Parallel Diode
Rev.1.0 October 2019
More results


Similar Description - AOT15B65M3

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD6B65MQ1E AOSMD-AOD6B65MQ1E Datasheet
707Kb / 8P
650V, 6A AlphaIGBTTM With Soft and Fast Recovery Anti-Parallel Diode
Rev.1.0 November 2019
AOD8B65MQ1 AOSMD-AOD8B65MQ1 Datasheet
567Kb / 9P
650V, 8A AlphaIGBTTM With Soft and Fast Recovery Anti-Parallel Diode
Rev.2.0 September 2021
AOGF60B65H2AL AOSMD-AOGF60B65H2AL Datasheet
572Kb / 8P
650V, 60A AlphaIGBTTM With Soft and Fast Recovery Anti-Parallel Diode
Rev.1.1 October 2021
AOK40B120P1 AOSMD-AOK40B120P1 Datasheet
1Mb / 9P
1200V, 40A Alpha IGBT TM With Soft and Fast Recovery Anti-Parallel Diode
Rev.1.0 April 2019
AOK40B65HQ1 AOSMD-AOK40B65HQ1 Datasheet
539Kb / 9P
650V, 40A AlphaIGBTTM With soft and fast recovery anti-parallel diode
Rev.1.0: October 2019
AOT10B65MQ2 AOSMD-AOT10B65MQ2 Datasheet
546Kb / 8P
650V, 10A AlphaIGBTTM With Soft and Fast Recovery Anti-Parallel Diode
Rev.1.0 December 2019
AOT15B65MQ1 AOSMD-AOT15B65MQ1 Datasheet
589Kb / 8P
650V, 15A AlphaIGBTTM With Soft and Fast Recovery Anti-Parallel Diode
Rev.1.0 October 2019
AOTF8B65MQ1 AOSMD-AOTF8B65MQ1 Datasheet
660Kb / 8P
650V, 8A AlphaIGBTTM With Soft and Fast Recovery Anti-Parallel Diode
Rev.2.0 January 2021
AOTF10B65MQ2 AOSMD-AOTF10B65MQ2 Datasheet
549Kb / 8P
650V, 10A AlphaIGBTTM With Soft and Fast Recovery Anti-Parallel Diode
Rev.2.0 February 2021
AOTF15B65MQ1 AOSMD-AOTF15B65MQ1 Datasheet
553Kb / 9P
650V, 15A AlphaIGBTTM With Soft and Fast Recovery Anti-Parallel Diode
Rev.2.0 February 2021
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com