Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR50LC Datasheet (PDF) - Abracon Corporation

AR50LC Datasheet PDF - Abracon Corporation
Part # AR50LC
Download  AR50LC Download
File Size   367.9 Kbytes
Page   4 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description MINIATURE ATOMIC CLOCK, RUBIDIUM OSCILLATOR

AR50LC Datasheet (PDF)

Go To PDF Page Download Datasheet
AR50LC Datasheet PDF - Abracon Corporation

Part # AR50LC
Download  AR50LC Click to download

File Size   367.9 Kbytes
Page   4 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description MINIATURE ATOMIC CLOCK, RUBIDIUM OSCILLATOR

AR50LC Datasheet (HTML) - Abracon Corporation


AR50LC Product details

Description
Abracon’s AR50LC embedded Rubidium Oscillator offers the latest technology that provides
exceptional performance including excellent accuracy, short term stability and frequency stability.
The Abracon AR50LC is available with either a sinewave or CMOS output and with a supply voltage
of +5Vdc or +12Vdc, with extended range up to +18Vdc. Additional features of this series include
lock monitor output and voltage control function to support a wide range of applications.

Features
 Output Frequency 10MHz
 Low phase noise high precision atomic clock
 Excellent short-term stability
 Operating Supply Voltage: +5Vdc, +12Vdc
 Ultra-tight frequency tolerance ±0.05 ppb
 Temp stability available to 0.3ppb (-20°C to +65°C)
 Sinewave or CMOS Output
 REACH/RoHS II Compliant | MSL N/A
 ESD Sensitive

Typical Applications
 Satellite Timing and Frequency
 Oil and Gas Exploration
 GPS Receiver
 Telecommunication Infrastructure
 4G/LTE/CDMA/EMTS
 Test and Measurement
 Underwater Sensor Systems
 Mining and Seismic Research




Similar Part No. - AR50LC

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
AR50L CHENYI-AR50L Datasheet
50Kb / 2P
AVALANCHE AUTOMOTIVE DIODE
logo
Bi technologies
AR50L.25XX BITECH-AR50L.25XX Datasheet
103Kb / 4P
1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
More results


Similar Description - AR50LC

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
RB-2110CB EPSONTOYOCOM-RB-2110CB Datasheet
478Kb / 2P
RUBIDIUM ATOMIC OSCILLATOR
RB-3310N EPSONTOYOCOM-RB-3310N Datasheet
496Kb / 2P
RUBIDIUM ATOMIC OSCILLATOR
logo
Vectron International, ...
AR-51-07 VECTRON-AR-51-07 Datasheet
622Kb / 8P
GPS-Disciplined Rubidium Clock
AR-51-09 VECTRON-AR-51-09 Datasheet
699Kb / 8P
GPS-Disciplined Rubidium Clock
logo
IQD Frequency Products ...
IQRB-1 IQD-IQRB-1 Datasheet
283Kb / 2P
Rubidium Oscillator
IQRB-2 IQD-IQRB-2 Datasheet
205Kb / 2P
Rubidium Oscillator
logo
Advanced XTAL Products
AXRB1021 AXTAL-AXRB1021 Datasheet
286Kb / 4P
High Stability Rubidium Oscillator
logo
Suntsu Electronics, Inc...
SRO10S SUNTSU-SRO10S Datasheet
189Kb / 2P
Rubidium Oscillator
SRO20S SUNTSU-SRO20S Datasheet
222Kb / 2P
Rubidium Oscillator
SRO30S SUNTSU-SRO30S Datasheet
209Kb / 2P
Rubidium Oscillator
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com