Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPE Datasheet (PDF) - Abracon Corporation

ACPE Datasheet PDF - Abracon Corporation
Part # ACPE
Download  ACPE Download
File Size   531.52 Kbytes
Page   1 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description FUNDAMENTAL FREQUENCY, LOW JITTER 5.0V or 3.3Vdc FULL-SIZE DIP CRYSTAL CLOCK OSCILLATORS

ACPE Datasheet (PDF)

Go To PDF Page Download Datasheet
ACPE Datasheet PDF - Abracon Corporation

Part # ACPE
Download  ACPE Click to download

File Size   531.52 Kbytes
Page   1 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description FUNDAMENTAL FREQUENCY, LOW JITTER 5.0V or 3.3Vdc FULL-SIZE DIP CRYSTAL CLOCK OSCILLATORS

ACPE Datasheet (HTML) - Abracon Corporation




Similar Part No. - ACPE

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACPEL ABRACON-ACPEL Datasheet
156Kb / 2P
CRYSTAL CLOCK OSCILLATORS
Revised C: 03.11.08
ACPEL-D-CQ20-QBAR ABRACON-ACPEL-D-CQ20-QBAR Datasheet
497Kb / 2P
CRYSTAL CLOCK OSCILLATORS
10.23.10
ACPEL-D-CQ25-QBAR ABRACON-ACPEL-D-CQ25-QBAR Datasheet
497Kb / 2P
CRYSTAL CLOCK OSCILLATORS
10.23.10
ACPEL-D-CQ30-QBAR ABRACON-ACPEL-D-CQ30-QBAR Datasheet
497Kb / 2P
CRYSTAL CLOCK OSCILLATORS
10.23.10
ACPEL-D-HQ20-QBAR ABRACON-ACPEL-D-HQ20-QBAR Datasheet
497Kb / 2P
CRYSTAL CLOCK OSCILLATORS
10.23.10
More results


Similar Description - ACPE

ManufacturerPart #DatasheetDescription
logo
Formosa MS
90SMO FORMOSA-90SMO Datasheet
119Kb / 1P
Crystal Clock Oscillators (3.3V or 5.0V FIXED MODELS)
logo
Abracon Corporation
ACOL ABRACON-ACOL Datasheet
448Kb / 1P
3.3Vdc HCMOS/ TTL COMPATIBLE FULL-SIZE AND HALF-SIZE DIP CRYSTAL CLOCK OSCILLATORS
ACOS ABRACON-ACOS Datasheet
509Kb / 1P
5Vdc SINE OUTPUT, FULL-SIZE DIP CRYSTAL CLOCK OSCILLATORS
ACSD ABRACON-ACSD Datasheet
190Kb / 3P
5.0VDC or 3.3VDC 8 PIN DIP HCMOS/ TTL LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATORS
29 Journey
ACVX1220 ABRACON-ACVX1220 Datasheet
486Kb / 1P
TTL / CMOS FULL-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
ACVX1222 ABRACON-ACVX1222 Datasheet
494Kb / 1P
TTL / CMOS FULL-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
AHVX1025 ABRACON-AHVX1025 Datasheet
450Kb / 1P
TTL / CMOS HALF-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
ASSO ABRACON-ASSO Datasheet
136Kb / 2P
5.0VDC or 3.3VDC 14 PIN DIP HCMOS/ TTL LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATORS
Rev. 2.4 05/2003
logo
Oscilent Corporation
330-2.0M-5DN-TNC OSCILENT-330-2.0M-5DN-TNC Datasheet
140Kb / 3P
Metal Dip Full Size Clock Oscillators
logo
Abracon Corporation
ACT ABRACON-ACT_15 Datasheet
806Kb / 2P
TTL OUTPUT FULL SIZE DIP 5.0V CRYSTAL CLOCK OSCILLATOR
09.23.13
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com