Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC20M Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
CD74HC20M Datasheet PDF - Texas Instruments
Part # CD74HC20M
Download  CD74HC20M Download
File Size   1103.04 Kbytes
Page   25 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description CDx4HC20 Dual 4-Input NAND Gates

CD74HC20M Datasheet (PDF)

Go To PDF Page Download Datasheet
CD74HC20M Datasheet PDF - Texas Instruments

Part # CD74HC20M
Download  CD74HC20M Click to download

File Size   1103.04 Kbytes
Page   25 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description CDx4HC20 Dual 4-Input NAND Gates

CD74HC20M Datasheet (HTML) - Texas Instruments


CD74HC20M Product details

1 Features
• Buffered inputs
• Wide operating voltage range: 2 V to 6 V
• Wide operating temperature range:
-55°C to +125°C
• Supports fanout up to 10 LSTTL loads
• Significant power reduction compared to LSTTL
logic ICs

2 Applications
• Alarm / tamper detect circuit
• S-R latch

3 Description
This device contains two independent 4-input NAND
gates. Each gate performs the Boolean function
Y = A ● B ● C ● D in positive logic.




Similar Part No. - CD74HC20M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC20M TI-CD74HC20M Datasheet
45Kb / 6P
High Speed CMOS Logic Dual 4-Input NAND Gate
CD74HC20M TI-CD74HC20M Datasheet
257Kb / 9P
High-Speed CMOS Logic Dual 4-Input NAND Gate
CD74HC20M TI1-CD74HC20M Datasheet
603Kb / 14P
High-Speed CMOS Logic Dual 4-Input NAND Gate
CD74HC20M TI2-CD74HC20M Datasheet
1Mb / 27P
CDx4HC20 Dual 4-Input NAND Gates
REVISED MAY 2021
CD74HC20M96 TI-CD74HC20M96 Datasheet
257Kb / 9P
High-Speed CMOS Logic Dual 4-Input NAND Gate
More results


Similar Description - CD74HC20M

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC20 HITACHI-HD74HC20 Datasheet
45Kb / 8P
Dual 4-input NAND Gates
logo
ON Semiconductor
MC14012B ONSEMI-MC14012B_11 Datasheet
127Kb / 8P
Dual 4-Input NAND Gates
June, 2011 ??Rev. 9
logo
Texas Instruments
54LS20J TI1-54LS20J Datasheet
336Kb / 8P
Dual 4-Input NAND Gates
logo
Unisonic Technologies
U74HC20 UTC-U74HC20 Datasheet
172Kb / 5P
DUAL 4-INPUT NAND GATES
U74HCT20 UTC-U74HCT20 Datasheet
167Kb / 4P
DUAL 4-INPUT NAND GATES
U74HC20 UTC-U74HC20_15 Datasheet
191Kb / 5P
DUAL 4-INPUT NAND GATES
U74HCT20 UTC-U74HCT20_15 Datasheet
167Kb / 4P
DUAL 4-INPUT NAND GATES
U74AHC2G125 UTC-U74AHC2G125_15 Datasheet
160Kb / 4P
DUAL 4-INPUT NAND GATES
logo
Aeroflex Circuit Techno...
UT54ACS20 AEROFLEX-UT54ACS20 Datasheet
229Kb / 9P
Dual 4-Input NAND Gates
logo
ON Semiconductor
MC14012B ONSEMI-MC14012B_14 Datasheet
105Kb / 7P
Dual 4-Input NAND Gates
July, 2014 ??Rev. 11
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com