Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APKG5012GD Datasheet (PDF) - Abracon Corporation

APKG5012GD Datasheet PDF - Abracon Corporation
Part # APKG5012GD
Download  APKG5012GD Download
File Size   820.18 Kbytes
Page   14 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Active GNSS Dual-Band Stacked Patch Antenna

APKG5012GD Datasheet (PDF)

Go To PDF Page Download Datasheet
APKG5012GD Datasheet PDF - Abracon Corporation

Part # APKG5012GD
Download  APKG5012GD Click to download

File Size   820.18 Kbytes
Page   14 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Active GNSS Dual-Band Stacked Patch Antenna

APKG5012GD Datasheet (HTML) - Abracon Corporation


APKG5012GD Product details

Features
•Multiband Multi-Constellation Active GNSSAntenna
▪GPS : L1/L5
▪GLONASS : G1
▪Galileo : E1/E5a
▪Beidou : B1/B2a/B2b
▪IRNSS : L5
▪SBAS : L1/L5
•High LNA gain of 40±2 dB with low noise figure
•Very low noise figure (<1.5dB)
•Good performance from 3.3 to 10 VDC
•Excellent multipath and interference rejection

Applications
•Autonomous driving and UAVs
•Precision land survey positioning
•Surveying and mapping systems
•Precision agriculture
•Tri-band RTK and PPP receivers
•Mission-critical GNSS timing
•Geofencing




Similar Part No. - APKG5012GD

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
APK-Q20 BANNER-APK-Q20 Datasheet
476Kb / 8P
Q20 Series Sensor
logo
Kingbright Corporation
APK3020MBC KINGBRIGHT-APK3020MBC Datasheet
99Kb / 4P
3.0 X 2.0 mm SMD CHIP LED LAMP
APK3020SGC KINGBRIGHT-APK3020SGC Datasheet
88Kb / 5P
3.0 X 2.0MM SMD CHIP LED LAMP
APK3020SURC KINGBRIGHT-APK3020SURC Datasheet
102Kb / 4P
DH InGaAIP on GaAs substrate Light Emitting Diode.
APK3020SURCK KINGBRIGHT-APK3020SURCK Datasheet
107Kb / 4P
SMD CHIP LED LAMP
More results


Similar Description - APKG5012GD

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
RPA-W2W5-P-25-G RALTRON-RPA-W2W5-P-25-G Datasheet
212Kb / 3P
DUAL BAND WiFi PATCH ANTENNA
logo
Tallysman Wireless Inc.
TW7872 TALLYSMAN-TW7872 Datasheet
251Kb / 2P
TW7872 Magnetic Mount Dual Band GNSS Antenna
logo
TE Connectivity Ltd
2195766-1 TEC-2195766-1 Datasheet
4Mb / 3P
GNSS ANTENNA L1/L2 HIGH PRECISION STACKED PASSIVE PATCH ANTENNA, PIN TYPE
2195763-1 TEC-2195763-1 Datasheet
3Mb / 2P
1559-1606 MHz GNSS BAND ACTIVE ANTENNA, CABLE TYPE
2195767-1 TEC-2195767-1 Datasheet
3Mb / 3P
GNSS ANTENNA L1/L2 HIGH PRECISION STACKED PASSIVE PATCH ANTENNA, PIN TYPE
2321811-1 TEC-2321811-1 Datasheet
398Kb / 2P
DUAL BAND DIRECTIONAL PATCH ANTENNA
logo
Linx Technologies
ANT-GNCP-C257L160 LINX-ANT-GNCP-C257L160 Datasheet
906Kb / 8P
L1 Active Ceramic Patch GNSS Antenna
2021
ANT-GNCP-C185L160 LINX-ANT-GNCP-C185L160 Datasheet
909Kb / 8P
L1 Active Ceramic Patch GNSS Antenna
2021
ANT-GNCP-C106L160 LINX-ANT-GNCP-C106L160 Datasheet
919Kb / 8P
L1 Active Ceramic Patch GNSS Antenna
2021
ANT-GNCP-C357L160 LINX-ANT-GNCP-C357L160 Datasheet
872Kb / 8P
L1 Active Ceramic Patch GNSS Antenna
2021
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com